| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
6402 bảng dữ liệu(PDF) 145 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
6402 bảng dữ liệu(HTML) 145 Page - Intel Corporation |
|
145 / 250 page ![]() Intel® 6400/6402 Advanced Memory Buffer Datasheet 145 Ballout and Package Information Table 12-2. 655-Ball FBGA 0.8 mm Pitch - Right Side 16 17 18 19 20 21 22 23 24 25 26 27 28 29 A VDD TEST VDD DQ52 DQS15 VDD DQ49 DQS6 VDD DQ48 DQ38 VDD B VDD TEST DDRC VSS DQS15 DQ53 VSS DQS6 DQ50 VSS DQS13 DQS13 VSS CDQS17 VSS DDRC DQ54 VSS DQ55 DQ51 VSS DQS7 DQ56 VSS DQ46 DQS14 VDD DCB6 CB7 VSS DQS16 DQ63 VSS DQ59 DQS7 VSS DQ36 DQ44 VSS DQS14 DQ47 E VSS CB5 DQS16 VSS DQ61 DQ57 VSS DQ58 DQ39 VSS DQ33 DQ45 VSS DQ41 FCB4 VDD DQ62 DQ60 VSS TEST TEST VSS DQ37 DQ35 VSS DQS5 DQ43 VSS G TEST LO RFU RFU NC NC NC DQS4 DQS4 VSS NC NC NC DQS5 DQ40 H VSS VDD VSS NC NC NC VSS DQ34 DQ32 NC NC NC VSS DQ42 J VDD VSS VDD NC NC NC RASB VSS RFU NC NC NC CLK3 VSS K VSS VCC VSS NC NC NC ODT0B CS1B VSS NC NC NC CLK1 CLK3 L VCC VSS VCC NC NC NC VSS CASB WEB NC NC NC VSS CLK1 M VSS VCC VSS NC NC NC CS0B VSS BA1B NC NC NC CKE0B VSS N VCC VSS VCC NC NC NC A0B A2B VSS NC NC NC BA0B BA2B P VSS VCC VSS NC NC NC VSS A4B A1B NC NC NC VSS CKE1B R VCC VSS VCC NC NC NC A6B VSS A10B NC NC NC A3B VSS T VSS VCC VSS NC NC NC A11B A9B VSS NC NC NC A7B A5B U VSS VCCFBD RFU NC NC NC A8B A15B A14B SA0 SCL SDA PS8 PS8 V VCCFBD VSS VCCFBD VSS VCCFBD RFUa RFUa VSS A13B A12 B SA2 SA1 PS7 PS7 W VSS SS0 SS1 SS2 SS3 SS4 SS9 SS5 SS6 SS7 SS8 VSS PS6 PS6 Y VSS SS0 SS1 SS2 SS3 SS4 SS9 SS5 SS6 SS7 SS8 VSS PS5 PS5 AA VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS VSS PS9 PS9 VSS AB VSS SN11 VSS SCK TESTLO _AB20 PS0 PS1 PS2 PS3 PS4 RFUa VDDSPD VSS AC RFU SN11 VSS SCK TEST LO_AC2 0 PS0 PS1 PS2 PS3 PS4 RFUa VSS These pin positions are reserved for forward clocks to be used in future AMB implementations. Table 12-3. Advanced Memory Buffer Signals By Ball Number (Sheet 1 of 7) Ball No. Signal Ball No. Signal Ball No. Signal A3 VSS B15 VSS C25 DQ56 A4 DQ26 B16 VDD C26 VSS A5 DQ12 B17 TESTLO C27 DQ46 A6 VDD B18 DDRC_B18 C28 DQS14 A7 DQS10 B19 VSS C29 VDD A8 DQ13 B20 DQS15 D1 DQ19 A9 VDD B21 DQ53 D2 DQS2 |