| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
6402 bảng dữ liệu(PDF) 142 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
6402 bảng dữ liệu(HTML) 142 Page - Intel Corporation |
|
142 / 250 page ![]() DDR MemBIST 142 Intel® 6400/6402 Advanced Memory Buffer Datasheet 11.5.3.1 MemBIST CSFSM This FSM creates DRAM commands for MemBIST. • When read or write command is available and tRP/tRC timing are met, MemBIST CSFSM will transit out of IDLE state to ACT state. • In ACT state, FSM will wait for tRCD timing parameter qualified and go to RDWT state. • If the next coming read or write command is in same page and DRAM timing is qualified, FSM will be looping in this state. If the next command is not in the same page or there is an auto-refresh/self-refresh request, FSM will go to PRECHARGE state. • In PRECHARGE state, FSM always go back to IDLE state. • In IDLE state, if there is a self refresh or an auto refresh request, FSM will wait for self refresh logic accept signal or auto refresh accept signal. § |