| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
6402 bảng dữ liệu(PDF) 143 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
6402 bảng dữ liệu(HTML) 143 Page - Intel Corporation |
|
143 / 250 page ![]() Intel® 6400/6402 Advanced Memory Buffer Datasheet 143 Ballout and Package Information 12 Ballout and Package Information 12.1 Ballout The following section presents preliminary ballout information for the Intel 6400/6402 Advanced Memory Buffer (AMB). This ballout is subject to change and is to be used for informational purposes only. 12.2 655-Ball FBGA 0.8mm Pitch Pin Configuration Figure 12-1. Pinout Configuration 29 28 27 26 25 24 23 22 21 20 9 8 7 6 5 4 3 2 110 19 18 17 16 15 14 13 12 11 A B C D E F G H J K L M N P R T U V W Y AA AB AC |