công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DZ96F2CLL bảng dữ liệu(PDF) 126 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DZ96F2CLL
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL bảng dữ liệu(HTML) 126 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 122Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 123Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 124Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 125Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 126Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 127Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 128Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 129Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 130Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 458 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08DZ128 Series Data Sheet, Rev. 1
126
Freescale Semiconductor
6.5.7
Port G Registers
Port G is controlled by the registers listed below.
6.5.7.1
Port G Data Register (PTGD)
6.5.7.2
Port G Data Direction Register (PTGDD)
76543210
R
PTGD7
PTGD6
PTGD5
PTGD4
PTGD3
PTGD2
PTGD1
PTGD0
W
Reset:
00000000
Figure 6-42. Port G Data Register (PTGD)
Table 6-40. PTGD Register Field Descriptions
Field
Description
7:0
PTGD[7:0]
Port G Data Register Bits — For port G pins that are inputs, reads return the logic level on the pin. For port G
pins that are configured as outputs, reads return the last value written to this register.
Writes are latched into all bits of this register. For port G pins that are configured as outputs, the logic level is
driven out the corresponding MCU pin.
Reset forces PTGD to all 0s, but these 0s are not driven out the corresponding pins because reset also
configures all port pins as high-impedance inputs with pull-ups disabled.
76543210
R
PTGDD7
PTGDD6
PTGDD5
PTGDD4
PTGDD3
PTGDD2
PTGDD1
PTGDD0
W
Reset:
00000000
Figure 6-43. Port G Data Direction Register (PTGDD)
Table 6-41. PTGDD Register Field Descriptions
Field
Description
7:0
PTGDD[7:0]
Data Direction for Port G Bits — These read/write bits control the direction of port G pins and what is read for
PTGD reads.
0 Input (output driver disabled) and reads return the pin value.
1 Output driver enabled for port G bit n and PTGD reads return the contents of PTGDn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com