công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DZ96F2CLL bảng dữ liệu(PDF) 117 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DZ96F2CLL
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL bảng dữ liệu(HTML) 117 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 113Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 114Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 115Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 116Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 117Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 118Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 119Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 120Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 121Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 458 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
117
6.5.4.3
Port D Pull Enable Register (PTDPE)
NOTE
Pull-down devices only apply when using pin interrupt functions, when
corresponding edge select and pin select functions are configured.
6.5.4.4
Port D Slew Rate Enable Register (PTDSE)
Note: Slew rate reset default values may differ between engineering samples and final production parts. Always initialize slew
rate control to the desired value to ensure correct operation.
76543210
R
PTDPE7
PTDPE6
PTDPE5
PTDPE4
PTDPE3
PTDPE2
PTDPE1
PTDPE0
W
Reset:
00000000
Figure 6-26. Internal Pull Enable for Port D Register (PTDPE)
Table 6-24. PTDPE Register Field Descriptions
Field
Description
7:0
PTDPE[7:0]
Internal Pull Enable for Port D Bits — Each of these control bits determines if the internal pull-up or pull-down
device is enabled for the associated PTD pin. For port D pins that are configured as outputs, these bits have no
effect and the internal pull devices are disabled.
0 Internal pull-up/pull-down device disabled for port D bit n.
1 Internal pull-up/pull-down device enabled for port D bit n.
76543210
R
PTDSE7
PTDSE6
PTDSE5
PTDSE4
PTDSE3
PTDSE2
PTDSE1
PTDSE0
W
Reset:
00000000
Figure 6-27. Slew Rate Enable for Port D Register (PTDSE)
Table 6-25. PTDSE Register Field Descriptions
Field
Description
7:0
PTDSE[7:0]
Output Slew Rate Enable for Port D Bits — Each of these control bits determines if the output slew rate control
is enabled for the associated PTD pin. For port D pins that are configured as inputs, these bits have no effect.
0 Output slew rate control disabled for port D bit n.
1 Output slew rate control enabled for port D bit n.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com