công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DZ96F2CLL bảng dữ liệu(PDF) 265 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DZ96F2CLL
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL bảng dữ liệu(HTML) 265 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 261Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 262Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 263Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 264Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 265Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 266Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 267Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 268Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 269Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 458 page
background image
Chapter 12 Freescale’s Controller Area Network (S08MSCANV1)
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
265
12.3.5
MSCAN Receiver Interrupt Enable Register (CANRIER)
This register contains the interrupt enable bits for the interrupt flags described in the CANRFLG register.
NOTE
The CANRIER register is held in the reset state when the initialization mode
is active (INITRQ=1 and INITAK=1). This register is writable when not in
initialization mode (INITRQ=0 and INITAK=0).
The RSTATE[1:0], TSTATE[1:0] bits are not affected by initialization
mode.
Read: Anytime
Write: Anytime when not in initialization mode
1
OVRIF
Overrun Interrupt Flag — This flag is set when a data overrun condition occurs. If not masked, an error interrupt
is pending while this flag is set.
0
No data overrun condition
1
A data overrun detected
0
RXF2
Receive Buffer Full Flag — RXF is set by the MSCAN when a new message is shifted in the receiver FIFO. This
flag indicates whether the shifted buffer is loaded with a correctly received message (matching identifier,
matching cyclic redundancy code (CRC) and no other errors detected). After the CPU has read that message
from the RxFG buffer in the receiver FIFO, the RXF flag must be cleared to release the buffer. A set RXF flag
prohibits the shifting of the next FIFO entry into the foreground buffer (RxFG). If not masked, a receive interrupt
is pending while this flag is set.
0
No new message available within the RxFG
1
The receiver FIFO is not empty. A new message is available in the RxFG
1 Redundant Information for the most critical CAN bus status which is “bus-off”. This only occurs if the Tx error counter exceeds
a number of 255 errors. Bus-off affects the receiver state. As soon as the transmitter leaves its bus-off state the receiver state
skips to RxOK too. Refer also to TSTAT[1:0] coding in this register.
2 To ensure data integrity, do not read the receive buffer registers while the RXF flag is cleared. For MCUs with dual CPUs,
reading the receive buffer registers while the RXF flag is cleared may result in a CPU fault condition.
76543210
R
WUPIE
CSCIE
RSTATE1
RSTATE0
TSTATE1
TSTATE0
OVRIE
RXFIE
W
Reset:
00000000
Figure 12-9. MSCAN Receiver Interrupt Enable Register (CANRIER)
Table 12-9. CANRFLG Register Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com