công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DZ96F2CLL bảng dữ liệu(PDF) 225 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DZ96F2CLL
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL bảng dữ liệu(HTML) 225 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 221Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 222Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 223Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 224Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 225Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 226Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 227Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 228Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 229Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 458 page
background image
Chapter 10 Analog-to-Digital Converter (S08ADC12V1)
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
225
The maximum total conversion time is determined by the clock source chosen and the divide ratio selected.
The clock source is selectable by the ADICLK bits, and the divide ratio is specified by the ADIV bits. For
example, in 10-bit mode, with the bus clock selected as the input clock source, the input clock divide-by-1
ratio selected, and a bus frequency of 8 MHz, then the conversion time for a single conversion is:
NOTE
The ADCK frequency must be between fADCK minimum and fADCK
maximum to meet ADC specifications.
10.4.5
Automatic Compare Function
The compare function can be configured to check for an upper or lower limit. After the input is sampled
and converted, the result is added to the two’s complement of the compare value (ADCCVH and
ADCCVL). When comparing to an upper limit (ACFGT = 1), if the result is greater-than or equal-to the
compare value, COCO is set. When comparing to a lower limit (ACFGT = 0), if the result is less than the
compare value, COCO is set. The value generated by the addition of the conversion result and the two’s
complement of the compare value is transferred to ADCRH and ADCRL.
Upon completion of a conversion while the compare function is enabled, if the compare condition is not
true, COCO is not set and no data is transferred to the result registers. An ADC interrupt is generated upon
the setting of COCO if the ADC interrupt is enabled (AIEN = 1).
NOTE
The compare function can monitor the voltage on a channel while the MCU
is in wait or stop3 mode. The ADC interrupt wakes the MCU when the
compare condition is met.
10.4.6
MCU Wait Mode Operation
Wait mode is a lower power-consumption standby mode from which recovery is fast because the clock
sources remain active. If a conversion is in progress when the MCU enters wait mode, it continues until
completion. Conversions can be initiated while the MCU is in wait mode by means of the hardware trigger
or if continuous conversions are enabled.
The bus clock, bus clock divided by two, and ADACK are available as conversion clock sources while in
wait mode. The use of ALTCLK as the conversion clock source in wait is dependent on the definition of
Subsequent continuous 10-bit or 12-bit;
fBUS > fADCK/11
xx
1
40 ADCK cycles
Table 10-13. Total Conversion Time vs. Control Conditions
Conversion Type
ADICLK
ADLSMP
Max Total Conversion Time
23 ADCK Cyc
Conversion time =
8 MHz/1
Number of bus cycles = 3.5 ms x 8 MHz = 28 cycles
5 bus Cyc
8 MHz
+
= 3.5 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com