công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC9S08DZ96F2CLL bảng dữ liệu(PDF) 224 Page - Freescale Semiconductor, Inc

tên linh kiện MC9S08DZ96F2CLL
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL bảng dữ liệu(HTML) 224 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 220Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 221Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 222Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 223Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 224Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 225Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 226Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 227Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 228Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 458 page
background image
Chapter 10 Analog-to-Digital Converter (S08ADC12V1)
MC9S08DZ128 Series Data Sheet, Rev. 1
224
Freescale Semiconductor
When a conversion is aborted, the contents of the data registers, ADCRH and ADCRL, are not altered.
However, they continue to be the values transferred after the completion of the last successful conversion.
If the conversion was aborted by a reset, ADCRH and ADCRL return to their reset states.
10.4.4.4
Power Control
The ADC module remains in its idle state until a conversion is initiated. If ADACK is selected as the
conversion clock source, the ADACK clock generator is also enabled.
Power consumption when active can be reduced by setting ADLPC. This results in a lower maximum value
for fADCK (see the electrical specifications).
10.4.4.5
Sample Time and Total Conversion Time
The total conversion time depends on the sample time (as determined by ADLSMP), the MCU bus
frequency, the conversion mode (8-bit, 10-bit or 12-bit), and the frequency of the conversion clock (fADCK).
After the module becomes active, sampling of the input begins. ADLSMP selects between short (3.5
ADCK cycles) and long (23.5 ADCK cycles) sample times.When sampling is complete, the converter is
isolated from the input channel and a successive approximation algorithm is performed to determine the
digital value of the analog signal. The result of the conversion is transferred to ADCRH and ADCRL upon
completion of the conversion algorithm.
If the bus frequency is less than the fADCK frequency, precise sample time for continuous conversions
cannot be guaranteed when short sample is enabled (ADLSMP=0). If the bus frequency is less than 1/11th
of the fADCK frequency, precise sample time for continuous conversions cannot be guaranteed when long
sample is enabled (ADLSMP=1).
The maximum total conversion time for different conditions is summarized in Table 10-13.
Table 10-13. Total Conversion Time vs. Control Conditions
Conversion Type
ADICLK
ADLSMP
Max Total Conversion Time
Single or first continuous 8-bit
0x, 10
0
20 ADCK cycles + 5 bus clock cycles
Single or first continuous 10-bit or 12-bit
0x, 10
0
23 ADCK cycles + 5 bus clock cycles
Single or first continuous 8-bit
0x, 10
1
40 ADCK cycles + 5 bus clock cycles
Single or first continuous 10-bit or 12-bit
0x, 10
1
43 ADCK cycles + 5 bus clock cycles
Single or first continuous 8-bit
11
0
5
μs + 20 ADCK + 5 bus clock cycles
Single or first continuous 10-bit or 12-bit
11
0
5
μs + 23 ADCK + 5 bus clock cycles
Single or first continuous 8-bit
11
1
5
μs + 40 ADCK + 5 bus clock cycles
Single or first continuous 10-bit or 12-bit
11
1
5
μs + 43 ADCK + 5 bus clock cycles
Subsequent continuous 8-bit;
fBUS > fADCK
xx
0
17 ADCK cycles
Subsequent continuous 10-bit or 12-bit;
fBUS > fADCK
xx
0
20 ADCK cycles
Subsequent continuous 8-bit;
fBUS > fADCK/11
xx
1
37 ADCK cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com