| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT90SCR100 bảng dữ liệu(PDF) 311 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90SCR100 bảng dữ liệu(HTML) 311 Page - ATMEL Corporation |
|
311 / 433 page ![]() 311 TPR0327AY–SMS–30Jan09 AT90SCR100 0x28 Data byte has been transmit- ted; ACK has been received Load data byte or No TWDR action or No TWDR action or No TWDR action 0 1 0 1 0 0 1 1 1 1 1 1 X X X X Data byte will be transmitted and ACK or NOT ACK will be received Repeated START will be transmitted STOP condition will be transmitted and TWSTO Flag will be reset STOP condition followed by a START condition will be transmitted and TWSTO Flag will be reset 0x30 Data byte has been transmit- ted; NOT ACK has been received Load data byte or No TWDR action or No TWDR action or No TWDR action 0 1 0 1 0 0 1 1 1 1 1 1 X X X X Data byte will be transmitted and ACK or NOT ACK will be received Repeated START will be transmitted STOP condition will be transmitted and TWSTO Flag will be reset STOP condition followed by a START condition will be transmitted and TWSTO Flag will be reset 0x38 Arbitration lost in SLA+W or data bytes No TWDR action or No TWDR action 0 1 0 0 1 1 X X 2-wire Serial Bus will be released and not addressed Slave mode entered A START condition will be transmitted when the bus becomes free Table 22-2. Status codes for Master Transmitter Mode |