| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT90SCR100 bảng dữ liệu(PDF) 6 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90SCR100 bảng dữ liệu(HTML) 6 Page - ATMEL Corporation |
|
6 / 433 page ![]() 6 TPR0327AY–SMS–30Jan09 AT90SCR100 RTC1 - - x Vcc TOSC1 TOSCx : 32.768 Khz crystals input for Real Time Clock. (Please note that these pins are not GPIO accessible). RTC2 - - x TOSC2 PA7 - - x Vcc KbIN7 PCINT7 KbINx : Input for “Keyboard Interface” PA6 - - x KbIN6 PCINT6 PA5 - - x KbIN5 PCINT5 PA4 - - x KbIN4 PCINT4 PA3 - - x KbIN3 PCINT3 PA2 - - x KbIN2 PCINT2 PA1 - - x KbIN1 PCINT1 PA0 - - x KbIN0 PCINT0 PB7 x - x Vcc SCK OC2A PCINT15 SS, MISO, MOSI, SCK : Standard “SPI - Serial Peripheral Interface” OCxx : Output Comparator outputs. See “Timers” on page 87. ICP1 : Input Capture. See “16-bit Timer/Counter1 with PWM” PWM: Output from “8-bit Timer/Counter0 with PWM” Tx : Clock input for “Timers” 0 and 1 XCK: Clock input for synchronous “USART” INTx : “External Interrupts” , default configuration CLKO : System clock output. (only active if CKOUT fuse is enabled). “Fuse Low Byte” . PB6 x - x MISO OC2B PCINT14 PB5 x - x MOSI OC1A PCINT13 PB4 x - x SS OC0B PCINT12 PB3 - - x PWM OC0A PCINT11 PB2 - - x ICP1 PCINT10 PB1 - - x INT3 T1 CLKO PCINT9 PB0 - - x INT2 T0 XCK PCINT8 PC5 - - x Vcc JTGTDI LED3 JTGxxx : “JTAG Interface and On-chip Debug System” SDA, SCL : “2-wire Serial Interface _ TWI” signals LEDx : “LED” Outputs (IO driving current) INTxb : “External Interrupts” , bis configuration PC4 - - x JTGTDO LED2 PC3 - - x JTGTMS LED1 PC2 x x x JTGTCK LED0 PC1 - - x SDA INT3b PC0 - - x SCL INT2b PD7 - x x Vcc HSMISO PCINT23 HSxxxx : “High-Speed SPI Controller” (MISO, MOSI, SCK, SS) INTx : “External Interrupts” , default configuration TXD, RXD : “USART” signals OCxB : Output Comparators: See “Timers” on page 87. PD6 - x x HSMOSI PCINT22 PD5 - x x HSSCK PCINT21 PD4 - x x HSSS PCINT20 PD3 - - x INT1 PCINT19 PD2 - - x INT0 OC1B PCINT18 PD1 x x x TXD PCINT17 PD0 x x x RXD PCINT16 Table 2-1. Pin List Configuration ID Configuration, Role |