công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F7065AF bảng dữ liệu(PDF) 98 Page - Renesas Technology Corp

tên linh kiện HD64F7065AF
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  941 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7065AF bảng dữ liệu(HTML) 98 Page - Renesas Technology Corp

Back Button HD64F7065AF Datasheet HTML 94Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 95Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 96Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 97Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 98Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 99Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 100Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 101Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 941 page
background image
Section 2 CPU
Rev. 5.00 Sep 11, 2006 page 76 of 916
REJ09B0332-0500
Instruction
Instruction Code
Operation
Execution
States
T Bit
STS
DSR,Rn
0000nnnn01101010
DSR
→ Rn
1
—
STS
A0,Rn
0000nnnn01111010
A0
→ Rn
1
—
STS
X0,Rn
0000nnnn10001010
X0
→ Rn
1
—
STS
X1,Rn
0000nnnn10011010
X1
→ Rn
1
—
STS
Y0,Rn
0000nnnn10101010
Y0
→ Rn
1
—
STS
Y1,Rn
0000nnnn10111010
Y1
→ Rn
1
—
STS.L
MACH,@-Rn 0100nnnn00000010 Rn – 4
→ Rn, MACH → (Rn) 1
—
STS.L
MACL,@-Rn 0100nnnn00010010 Rn – 4
→ Rn, MACL → (Rn)
1
—
STS.L
PR,@-Rn
0100nnnn00100010
Rn – 4
→ Rn, PR → (Rn)
1
—
STS.L
DSR,@-Rn
0100nnnn01100010
Rn – 4
→ Rn, DSR → (Rn)
1
—
STS.L
A0,@-Rn
0100nnnn01110010
Rn – 4
→ Rn, A0 → (Rn)
1
—
STS.L
X0,@-Rn
0100nnnn10000010
Rn – 4
→ Rn, X0 → (Rn)
1
—
STS.L
X1,@-Rn
0100nnnn10010010
Rn – 4
→ Rn, X1 → (Rn)
1
—
STS.L
Y0,@-Rn
0100nnnn10100010
Rn – 4
→ Rn, Y0 → (Rn)
1
—
STS.L
Y1,@-Rn
0100nnnn10110010
Rn – 4
→ Rn, Y1 → (Rn)
1
—
TRAPA
#imm
11000011iiiiiiii
PC/SR
→ stack area,
(imm
× 4 + VBR) → PC
8
—
Note:
* Number of states until transition to sleep state.
Caution:
• The table shows the minimum number of execution states. In practice, the number of
instruction execution states will be increased in cases such as the following:
 When there is conflict between an instruction fetch and a data access
 When the destination register of a load instruction (memory → register) is also used by the
following instruction
 When the branch destination address of a branch instruction is address 4n + 2
 Depending on the number of cycles of the instruction fetch destination or data access
destination (see 8.4, Number of Access Cycles (SH7065A) in section 8, Bus State
Controller (BSC), for details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com