công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F7065AF bảng dữ liệu(PDF) 24 Page - Renesas Technology Corp

tên linh kiện HD64F7065AF
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  941 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7065AF bảng dữ liệu(HTML) 24 Page - Renesas Technology Corp

Back Button HD64F7065AF Datasheet HTML 20Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 21Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 22Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 23Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 24Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 25Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 26Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 27Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 941 page
background image
Section 1 Overview
Rev. 5.00 Sep 11, 2006 page 2 of 916
REJ09B0332-0500
Table 1.1
Features
Item
Specifications
CPU
• Original Renesas Technology architecture
• 32-bit internal configuration
• General register machine
 Sixteen 32-bit general registers
 Six 32-bit control registers (including three added for DSP use)
 Ten 32-bit system registers (including six added for DSP use)
• RISC (reduced instruction set computer) type instruction set
 Fixed 16-bit instruction length for improved code efficiency
 Load-store architecture (basic operations are executed between
registers)
 Delayed branch instructions reduce pipeline disruption during branches
 C-oriented instruction set
• Instruction execution time: One instruction per cycle
• Address space: Architecture supports 4 Gbytes
• Enhanced on-chip multiplier:
 16 × 16 → 32 multiply operations executed in one to three cycles
 32 × 32 → 64 multiply operations executed in two to four cycles
 32 × 32 + 64 → 64 multiply-and-accumulate operations executed in two
to four cycles
• Five-stage pipeline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com