| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD64F7065AF bảng dữ liệu(PDF) 45 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F7065AF bảng dữ liệu(HTML) 45 Page - Renesas Technology Corp |
|
45 / 941 page ![]() Section 2 CPU Rev. 5.00 Sep 11, 2006 page 23 of 916 REJ09B0332-0500 The name Ix is the alias for R8. Other aliases are assigned as follows. Ax0: .REG (R4) Ax1: .REG (R5) Ix: .REG (R8) Ay0: .REG (R6) Ay1: .REG (R7) Iy: .REG (R9) As0: .REG (R4); Definition when an alias is required for single data transfer. As1: .REG (R5); Definition when an alias is required for single data transfer. As2: .REG (R2); Definition when an alias is required for single data transfer. As3: .REG (R3); Definition when an alias is required for single data transfer. Is: .REG (R8); Definition when an alias is required for single data transfer. 2.1.2 Control Registers There are six 32-bit control registers: the status register (SR), repeat start register (RS), repeat end register (RE), global base register (GBR), vector base register (VBR), and modulo register (MOD). The SR register shows the processing status. The GBR register is used as the base address in GBR indirect addressing mode, and is used for data transfer involving on-chip peripheral module registers, etc. The VBR register is used as the base address of the exception handling vector area, including interrupts. The RS register and RE register are used to control program repeats (loops). The number of loops is specified in the repeat counter (RC) in the SR register, the repeat start address is specified in the RS register, and the repeat end address is specified in the RE register. However, the address values stored in the RS register and RE register are not necessarily the same as the physical repeat start address and end address. The MOD register is used in modulo addressing for repeat data buffering. The modulo addressing specification is made with the DMX or DMY bit in the SR register, the modulo end address (ME) is specified in the upper 16 bits of the MOD register, and the modulo start address (MS) in the lower 16 bits. The DMX and DMY bits cannot both specify modulo addressing simultaneously. Modulo addressing can be used with the X and Y data transfer instructions (MOVX, MOVY), but not with the single data transfer instruction (MOVS). |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |