công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F7065AF bảng dữ liệu(PDF) 7 Page - Renesas Technology Corp

tên linh kiện HD64F7065AF
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  941 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7065AF bảng dữ liệu(HTML) 7 Page - Renesas Technology Corp

Back Button HD64F7065AF Datasheet HTML 3Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 4Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 5Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 6Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 7Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 8Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 9Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 10Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 941 page
background image
Rev. 5.00 Sep 11, 2006 page vii of xxii
Main Revisions for This Edition
Item
Page
Revision (See Manual for Details)
All
—
• Notification of change in company name amended
(Before) Hitachi, Ltd.
→ (After) Renesas Technology Corp.
9.3.4 Types of DMA
Transfer
Relationship between
DMA Transfer Type,
Request Mode, and Bus
Mode
Table 9.6 Relationship
between DMA Transfer
Type, Request Mode,
and Bus Mode
340
Table amended
Address
Mode
Type of Transfer
Request
Mode
Bus
Mode
Transfer
Size (Bits)
Usable
Channels
Dual
External memory and external memory
Any*
1
B/C
8/16/32
0–3
External memory and memory-mapped
external device
Any*
1
B/C
8/16/32
0–3
Memory-mapped external device and
memory-mapped external device
Any*
1
B/C
8/16/32
0–3
External memory and on-chip memory
Any*
1
B/C
8/16/32
0–3
External memory and on-chip
peripheral module
Any*
2
B/C
8/16/32*
3
0–3
Memory-mapped external device and
on-chip memory
Any*
1
B/C
8/16/32
0–3
Memory-mapped external device and
on-chip peripheral module
Any*
2
B/C
8/16/32*
3
0–3
On-chip memory and on-chip memory
Any*
1
B/C
8/16/32
0–3
On-chip memory and on-chip peripheral
module
Any*
2
B/C
8/16/32*
3
0–3
On-chip peripheral module and on-chip
peripheral module
Any*
2
B/C
8/16/32*
3
0–3
11.6 Usage Notes
484
Description added
Pay Attention to the Notices Below, When a Value Is Written
into the Timer General Register U (TGRU), Timer General
Register V (TGRV), Timer General Register W (TGRW), and in
Case of Written into Free Operation Address (*):
…
Writing Operation into Timer Period Data Register (TPDR) and
Timer Dead Time Data Register (TDDR) When MMT Is
Operating:
…
Notes on Halting TCNT Counter Operation:
…
15.7.2 Handling of
Analog Input Pins
Figure 15.8 Example
of Analog Input Pin
Protection Circuit
Figure 15.9 Analog
Input Pin Equivalent
Circuit
Table 15.5 Analog
Input Pin
Specifications
619, 620 Description of preliminary deleted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com