công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F7065AF bảng dữ liệu(PDF) 64 Page - Renesas Technology Corp

tên linh kiện HD64F7065AF
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  941 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7065AF bảng dữ liệu(HTML) 64 Page - Renesas Technology Corp

Back Button HD64F7065AF Datasheet HTML 60Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 61Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 62Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 63Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 64Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 65Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 66Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 67Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 941 page
background image
Section 2 CPU
Rev. 5.00 Sep 11, 2006 page 42 of 916
REJ09B0332-0500
Table 2.9
Immediate Data Referencing
Type
SH7065 CPU
Example of Other CPU
8-bit immediate
MOV
#H'12,R0
MOV.B
#H'12,R0
16-bit immediate
MOV.W
@(disp,PC),R0
. . . . . . . .
.DATA.W H'1234
MOV.W #H'1234,R0
32-bit immediate
MOV.L
@(disp,PC),R0
. . . . . . . .
.DATA.L
H'12345678
MOV.L
#H'12345678,R0
Note: Immediate data is referenced by @(disp,PC).
Absolute Addresses: When data is referenced by absolute address, the absolute address value is
placed in a table in memory beforehand. With the method whereby immediate data is loaded when
an instruction is executed, this value is transferred to a register and the data is referenced using
register indirect addressing mode.
Table 2.10 Absolute Address Referencing
Type
SH7065 CPU
Example of Other CPU
Absolute address
MOV.L
@(disp,PC),R1
MOV.B
@R1,R0
. . . . . . . .
.DATA.L
H'12345678
MOV.B
@H'12345678,R0
16-Bit/32-Bit Displacement: When data is referenced with a 16- or 32-bit displacement, the
displacement value is placed in a table in memory beforehand. With the method whereby
immediate data is loaded when an instruction is executed, this value is transferred to a register and
the data is referenced using indexed register indirect addressing mode.
Table 2.11 Displacement Referencing
Type
SH7065 CPU
Example of Other CPU
16-bit displacement
MOV.W
@(disp,PC),R0
MOV.W
@(R0,R1),R2
. . . . . . . .
.DATA.W H'1234
MOV.W @(H'1234,R1),R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com