công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F7065AF bảng dữ liệu(PDF) 76 Page - Renesas Technology Corp

tên linh kiện HD64F7065AF
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  941 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7065AF bảng dữ liệu(HTML) 76 Page - Renesas Technology Corp

Back Button HD64F7065AF Datasheet HTML 72Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 73Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 74Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 75Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 76Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 77Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 78Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 79Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 941 page
background image
Section 2 CPU
Rev. 5.00 Sep 11, 2006 page 54 of 916
REJ09B0332-0500
2.4.3
CPU Instruction Formats
Table 2.14 shows the instruction formats, and the meaning of the source and destination operands,
of instructions executed by the CPU core. The meaning of the operands depends on the instruction
code. The following symbols are used in the table.
xxxx:
Instruction code
mmmm: Source register
nnnn:
Destination register
iiii:
Immediate data
dddd:
Displacement
Table 2.14 CPU Instruction Formats
Instruction Formats
Source
Operand
Destination
Operand
Sample
Instruction
0 type
xxxx
xxxx
xxxx
xxxx
15
0
—
—
NOP
—
nnnn
: register
direct
MOVT Rn
Control register
or system
register
nnnn
: register
direct
STS
MACH,Rn
n type
xxxx
xxxx
xxxx
nnnn
15
0
Control register
or system
register
nnnn
: pre-
decrement
register indirect
STC.L SR,@-Rn
mmmm
: register
direct
Control register
or system
register
LDC
Rm,SR
mmmm
: post-
increment
register indirect
Control register
or system
register
LDC.L
@Rm+,SR
mmmm
: register
indirect
—
JMP
@Rm
m type
xxxx
xxxx
xxxx
mmmm
15
0
mmmm
: PC-relative
using Rm
—
BRAF Rm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com