công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F7065AF bảng dữ liệu(PDF) 63 Page - Renesas Technology Corp

tên linh kiện HD64F7065AF
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  941 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7065AF bảng dữ liệu(HTML) 63 Page - Renesas Technology Corp

Back Button HD64F7065AF Datasheet HTML 59Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 60Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 61Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 62Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 63Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 64Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 65Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 66Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 941 page
background image
Section 2 CPU
Rev. 5.00 Sep 11, 2006 page 41 of 916
REJ09B0332-0500
Table 2.7
Delayed Branch Instructions
SH7065 CPU
Description
Example of Other CPU
BRA
TRGET
ADD
R1,R0
ADD is executed before branch
to TRGET.
ADD.W R1,R0
BRA
TRGET
Multiply/Multiply and Accumulate Operations: A 16
× 16 → 32 multiply operation is executed
in 1 to 3 states, and a 16
× 16 + 64 → 64 multiply and accumulate operation in 2 to 3 states. A 32
× 32 → 64 multiply operation and a 32 × 32 + 64 → 64 multiply and accumulate operation are
each executed in 2 to 4 states.
T Bit: The result of a comparison is indicated by the T bit in the status register (SR), and a
conditional branch is performed according to whether the result is True or False. Processing speed
has been improved by keeping the number of instructions that modify the T bit to a minimum.
Table 2.8
T Bit
SH7065 CPU
Description
Example of Other CPU
CMP/GE R1,R0
BT
TRGET0
BF
TRGET1
If R0
≥ R1, the T bit is set.
A branch is made
to TRGET0 if R0
≥ R1, or
to TRGET1 if R0 < R1.
CMP.W R1,R0
BGE
TRGET0
BLT
TRGET1
ADD
#–1,R0
CMP/EQ #0,R0
BT
TRGET
The T bit is not set by ADD.
If R0 = 0, the T bit is set.
A branch is made if R0 = 0.
SUB.W
#1,R0
BEQ
TRGET
Immediate Data: Byte immediate data is placed inside the instruction code. Word and longword
immediate data is not placed inside the instruction code, but in a table in memory. The table in
memory is referenced with an immediate data transfer instruction (MOV) using PC relative
addressing mode with displacement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com