công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F7065AF bảng dữ liệu(PDF) 37 Page - Renesas Technology Corp

tên linh kiện HD64F7065AF
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  941 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7065AF bảng dữ liệu(HTML) 37 Page - Renesas Technology Corp

Back Button HD64F7065AF Datasheet HTML 33Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 34Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 35Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 36Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 37Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 38Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 39Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 40Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 941 page
background image
Section 1 Overview
Rev. 5.00 Sep 11, 2006 page 15 of 916
REJ09B0332-0500
Type
Symbol
I/O
Name
Function
I/O ports
PA
× 18
I/O
General port
General input/output port pins. Input or
output can be specified bit by bit.
PB
× 11
I/O
General port
General input/output port pins. Input or
output can be specified bit by bit.
PC
× 26
I/O
General port
General input/output port pins. Input or
output can be specified bit by bit.
PD
× 32
I/O
General port
General input/output port pins. Input or
output can be specified bit by bit.
PE
× 12
I/O
General port
General input/output port pins. Input or
output can be specified bit by bit.
PF
× 6
I/O
General port
General input/output port pins. Input or
output can be specified bit by bit.
PG
× 3
I/O
General port
General input/output port pins. Input or
output can be specified bit by bit.
PH
× 2
I/O
General port
General input/output port pins. Input or
output can be specified bit by bit.
PI
× 8
Input
General port
General input port pins.
Notes: Unused input pins must be pulled up or pulled down with a resistance of 4.7 k
Ω to 10 kΩ.
* The following power-on/power-off order is recommended when applying a 5 V voltage
to power supply voltage pin PVCC. When PVCC is also used with the same 3 V voltage
as VCC, etc., simultaneous powering on and off is recommended for all power supplies.
1. Powering on
(1) Turn on the 5 V power (PVCC) first, then the 3 V power (VCC, PLLVCC, AVCC).
(2) Pin states are undefined while only 5 V power (PVCC) is on, as reset input is invalid.
2. Powering off
(1) Power off in the reverse order to powering on: Turn off the 3 V power first, then the
5 V power.
(2) Pin states are undefined while only 5 V power is being supplied.
3. Power-on/off interval
To minimize the length of time during which pin states are undefined, the power-on/off
interval should be kept as short as possible. Also, the system design should ensure that
erroneous system operation will not result from pin states becoming undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com