công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F7065AF bảng dữ liệu(PDF) 27 Page - Renesas Technology Corp

tên linh kiện HD64F7065AF
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  941 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7065AF bảng dữ liệu(HTML) 27 Page - Renesas Technology Corp

Back Button HD64F7065AF Datasheet HTML 23Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 24Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 25Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 26Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 27Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 28Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 29Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 30Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 941 page
background image
Section 1 Overview
Rev. 5.00 Sep 11, 2006 page 5 of 916
REJ09B0332-0500
Item
Specifications
Direct memory
access controller
(DMAC)
(4 channels)
• DMA transfer possible for the following devices:
 External memory, external I/O, on-chip supporting modules (excluding
DMAC, BSC, UBC)
• DMA transfer requests by external pins (for two channels) and on-chip
peripheral modules, plus auto-request
• Cycle steal or burst transfer
• Relative channel priorities can be set
• Selection of dual or single address mode transfer
• Chain mode transfer possible
• Transfer data width: 8/16/32 bits
• 4-Gbyte address space, maximum 4G (4,294,967,296) transfers
• TEND output can be asserted for each channel at the end of DMA transfer
Timer pulse unit
(TPU)
(6 channels)
• Maximum 16 kinds of waveform output or maximum 16 kinds of
input/output processing based on six 16-bit timer channels
• 16 dual-function output compare registers/input capture registers
• Total of 16 independent comparators
• Selection of eight counter input clocks
• Input capture function
• Pulse output modes
 One-shot, toggle, PWM
• Phase counting mode
 Two-phase encoder count processing capability
Motor
management
timer (MMT)
(1 channel)
• Non-overlap waveform output for 6-phase inverter control
• Dead times generated by dead time counters
• Any PWM duty from 0% to 100% can be set
• Toggle output possible in synchronization with PWM cycle
• Data transfer can be performed by DMAC activation
• A/D converter conversion start trigger can be generated
• Output-off functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com