công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F7065AF bảng dữ liệu(PDF) 71 Page - Renesas Technology Corp

tên linh kiện HD64F7065AF
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  941 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7065AF bảng dữ liệu(HTML) 71 Page - Renesas Technology Corp

Back Button HD64F7065AF Datasheet HTML 67Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 68Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 69Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 70Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 71Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 72Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 73Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 74Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 941 page
background image
Section 2 CPU
Rev. 5.00 Sep 11, 2006 page 49 of 916
REJ09B0332-0500
Single Data Addressing
DSP instructions include two single data transfer instructions (MOVS.W, MOVS.L) that load data
into, or store data from, a DSP register. With these instructions, one of registers R2 to R5 is used
as the single data transfer address register (As).
The following four kinds of addressing can be used with single data transfer instructions.
1. Non-update address register addressing:
The As register is an address pointer. It is not updated.
2. Addition index register addressing:
The As register is an address pointer. After a data transfer, the value of the Is register is added
to the As register (post-updating).
3. Increment address register addressing:
The As register is an address pointer. After a data transfer, the As register is incremented by 2
or 4 (post-updating).
4. Decrement address register addressing:
The As register is an address pointer. Before a data transfer, –2 or –4 is added to the As
register (i.e. 2 or 4 is subtracted) (pre-updating).
The R8 register is the index register (Is) for the address pointer (As). Single data transfer
addressing is shown in figure 2.10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com