công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F7065AF bảng dữ liệu(PDF) 34 Page - Renesas Technology Corp

tên linh kiện HD64F7065AF
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  941 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7065AF bảng dữ liệu(HTML) 34 Page - Renesas Technology Corp

Back Button HD64F7065AF Datasheet HTML 30Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 31Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 32Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 33Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 34Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 35Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 36Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 37Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 941 page
background image
Section 1 Overview
Rev. 5.00 Sep 11, 2006 page 12 of 916
REJ09B0332-0500
Type
Symbol
I/O
Name
Function
Bus control
WRHL
Output
HL write
Indicates writing of bits 23 to 16 of
external data.
WRHH
Output
HH write
Indicates writing of bits 31 to 24 of
external data.
WAIT
Input
Wait
Input for wait cycle insertion in bus
cycles during external space access
LLBS
Output
LL byte strobe
Indicates access to bits 7 to 0 of external
data.
LHBS
Output
LH byte strobe
Indicates access to bits 15 to 8 of
external data.
HLBS
Output
HL byte strobe
Indicates access to bits 23 to 16 of
external data.
HHBS
Output
HH byte strobe Indicates access to bits 31 to 24 of
external data.
WR
Output
Write
Indicates the data bus input/output
direction. Also used as the write directive
for byte-strobe type memory.
RAS0–
RAS1
Output
Row address
strobe 0, 1
DRAM row address strobe timing signals
CASLL0–
CASLL1
Output
LL column
address strobe
0, 1
Output when accessing bits 7 to 0 of
DRAM data.
CASLH0–
CASLH1
Output
LH column
address strobe
0, 1
Output when accessing bits 15 to 8 of
DRAM data.
CASHL0–
CASHL1
Output
HL column
address strobe
0, 1
Output when accessing bits 23 to 16 of
DRAM data.
CASHH0–
CASHH1
Output
HH column
address strobe
0, 1
Output when accessing bits 31 to 24 of
DRAM data.
OE0–OE1
Output
Output enable
0, 1
Output enable signal for use of EDO
DRAM in RAS down mode.
AH
Output
Address hold
Address hold timing signal for a device
using a multiplexed address/data bus.
BS
Output
Bus cycle start
Indicates the start of a bus cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com