công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F7065AF bảng dữ liệu(PDF) 33 Page - Renesas Technology Corp

tên linh kiện HD64F7065AF
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  941 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7065AF bảng dữ liệu(HTML) 33 Page - Renesas Technology Corp

Back Button HD64F7065AF Datasheet HTML 29Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 30Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 31Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 32Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 33Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 34Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 35Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 36Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 941 page
background image
Section 1 Overview
Rev. 5.00 Sep 11, 2006 page 11 of 916
REJ09B0332-0500
Type
Symbol
I/O
Name
Function
System control
RES
Input
Power-on
reset
Executes a power-on reset when driven
low.
WDTOVF
Output
Watchdog
timer overflow
WDT overflow output signal
BREQ
Input
Bus request
Driven low when an external device
requests release of the bus.
BACK
Output
Bus request
acknowledge
Indicates that the bus has been granted
to an external device. The device that
output the
BREQ signal recognizes that
the bus has been acquired when it
receives the
BACK signal.
HSTBY
Input
Hardware
standby
Hardware standby input pin. Drive high
when not used.
Operating
mode control
MD0–MD5
Input
Mode setting
These pins determine the operating
mode. Do not change the input values
during operation.
FWE
Input
Flash write
enable
On-chip flash memory program/erase
hardware protection pin.
Interrupts
NMI
Input
Nonmaskable
interrupt
Nonmaskable interrupt request pin.
Acceptance at the rising edge or falling
edge can be selected.
IRQ0–IRQ7 Input
Interrupt
request 0 to 7
Maskable interrupt request pins. Level
input or edge input can be selected.
IRQOUT
Output
Interrupt
request output
Indicates that an interrupt request has
been generated. Enables interrupt
generation to be recognized in the bus-
released state.
Address bus
A0–A25
Output
Address bus
Address output pins.
Data bus
D0–D31
I/O
Data bus
32-bit bidirectional data bus.
Bus control
CS0–CS5
Output
Chip select
0 to 5
Chip select signals for external memory
or devices.
RD
Output
Read
Indicates reading from an external
device.
RDWR
Output
Read/write
Used as the DRAM write directive signal.
WRLL
Output
LL write
Indicates writing of bits 7 to 0 of external
data.
WRLH
Output
LH write
Indicates writing of bits 15 to 8 of
external data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com