công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F7065AF bảng dữ liệu(PDF) 69 Page - Renesas Technology Corp

tên linh kiện HD64F7065AF
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  941 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7065AF bảng dữ liệu(HTML) 69 Page - Renesas Technology Corp

Back Button HD64F7065AF Datasheet HTML 65Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 66Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 67Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 68Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 69Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 70Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 71Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 72Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 941 page
background image
Section 2 CPU
Rev. 5.00 Sep 11, 2006 page 47 of 916
REJ09B0332-0500
2.4.2
DSP Data Addressing
Two different memory accesses are made with DSP instructions. The two kinds of instructions are
X and Y data transfer instructions (MOVX.W, MOVY.W) and single data transfer instructions
(MOVS.W, MOVSL). The data addressing is different for these two kinds of instruction. An
overview of the data transfer instructions is given in table 2.13.
Table 2.13 Overview of Data Transfer Instructions
X/Y Data Transfer Processing
(MOVX.W, MOVY.W)
Single Data Transfer Processing
(MOVS.W, MOVS.L)
Address register
Ax: R4, R5; Ay: R6, R7
As: R2, R3, R4, R5
Index register
Ix: R8, Iy: R9
Is: R8
Nop/Inc (+2)/index addition:
post-updating
Nop/Inc (+2, +4)/index addition:
post-updating
Addressing
—
Dec (–2, –4): pre-updating
Modulo addressing
Possible
Not possible
Data bus
XDB, YDB
CDB
Data length
16 bits (word)
16/32 bits (word/longword)
Bus contention
No
Yes
Memory
X/Y data memory
Entire memory space
Source register
Dx, Dy: A0, A1
Ds: A0/A1, M0/M1, X0/X1, Y0/Y1,
A0G, A1G
Destination register
Dx: X0/X1, Dy: Y0/Y1
Ds: A0/A1, M0/M1, X0/X1, Y0/Y1,
A0G, A1G
X/Y Data Addressing
With DSP instructions, the X and Y data memory can be accessed simultaneously using the
MOVX.W and MOVY.W instructions. Two address pointers are provided for DSP instructions to
enable simultaneous access to X and Y data memory. Only pointer addressing can be used with
DSP instructions; immediate addressing is not available. Address registers are divided into two,
with register R4 or R5 functioning as the X memory address register (Ax), and register R6 or R7
as the Y memory address register (Ay). The following three kinds of addressing can be used with
X and Y data transfer instructions.
1. Non-update address register addressing:
The Ax and Ay registers are address pointers. They are not updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com