công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F7065AF bảng dữ liệu(PDF) 101 Page - Renesas Technology Corp

tên linh kiện HD64F7065AF
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  941 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F7065AF bảng dữ liệu(HTML) 101 Page - Renesas Technology Corp

Back Button HD64F7065AF Datasheet HTML 97Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 98Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 99Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 100Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 101Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 102Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 103Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 104Page - Renesas Technology Corp HD64F7065AF Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 941 page
background image
Section 2 CPU
Rev. 5.00 Sep 11, 2006 page 79 of 916
REJ09B0332-0500
2.5.2
DSP Data Transfer Instruction Set
The DSP data transfer instructions are listed by type in table 2.27.
Table 2.27 DSP Data Transfer Instruction Types
Type
Kinds of
Instruction
Op Code
Function
Number of
Instructions
4
NOPX
X memory no operation
14
MOVX
X memory data transfer
NOPY
Y memory no operation
Double data transfer
instructions
MOVY
Y memory data transfer
Single data transfer
instruction
1
MOVS
Single data transfer
16
Total: 5
Total: 30
Data transfer instructions are divided into two groups: double data transfer and single data
transfer. Double data transfer can be executed by DSP parallel processing instructions in
combination with DSP operation instructions. Parallel processing instructions are 32 bits long, and
incorporate a double data transfer instruction in the A field. Double data transfer instructions that
are not parallel processing instructions, and single data transfer instructions, are 16 bits long.
In double data transfer, X memory and Y memory can be simultaneously accessed in parallel.
Instructions are specified one by one from the X and Y memory data accesses, respectively. The
Ax pointer is used to access the X memory, and the Ay pointer to access the Y memory. Double
data transfer can only be used to access X and Y memory.
In single data transfer, access is possible from any area. In single data transfer, the Ax pointer and
two other pointers are used as the As pointer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com