công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 147 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 147 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 143Page - NEC MPD78CP18KB Datasheet HTML 144Page - NEC MPD78CP18KB Datasheet HTML 145Page - NEC MPD78CP18KB Datasheet HTML 146Page - NEC MPD78CP18KB Datasheet HTML 147Page - NEC MPD78CP18KB Datasheet HTML 148Page - NEC MPD78CP18KB Datasheet HTML 149Page - NEC MPD78CP18KB Datasheet HTML 150Page - NEC MPD78CP18KB Datasheet HTML 151Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 373 page
background image
CHAPTER 7
SERIAL INTERFACE FUNCTIONS
129
fXX
24
× N × B
<b> Since the timer TO output is being used as the serial clock (SCK), setting of the timer count value and
timer operation is performed. As an oscillator frequency of 11.0592 MHz, data transfer rate of 110 bps
and clock rate of 16 are used here, the count value is found from Table 7-1 or the following expression
to be 262.
C =
fXX
: Oscillator frequency
N
: Clock rate
B
: Data transfer rate
C
: Count value
Since the count value is greater than 255 (FFH), TIMER0 and TIMER1 are cascaded: 131 (83H) is set in TM0
(timer register) and 2 (02H) in TM1. Since TIMER0 and TIMER1 are cascaded, the timer mode register (TMM)
settings are as shown in Figure 7-12.
Figure 7-12. Timer Mode Register Setting
<c> Port C settings are performed as follows: PC0 as TxD pin, PC1 as RxD pin, PC7 as output port, and
PC7 set to output a high-level signal.
0
0
TMM
0
2
4
5
6
7
110
0
0
1
31
TIMER1 match signal
TIMER0 count input =
as timer F/F input
TIMER0 count-up
TIMER1 count-up
TIMER0 match signal
as TIMER1 count input
12
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com