công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 359 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 359 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 355Page - NEC MPD78CP18KB Datasheet HTML 356Page - NEC MPD78CP18KB Datasheet HTML 357Page - NEC MPD78CP18KB Datasheet HTML 358Page - NEC MPD78CP18KB Datasheet HTML 359Page - NEC MPD78CP18KB Datasheet HTML 360Page - NEC MPD78CP18KB Datasheet HTML 361Page - NEC MPD78CP18KB Datasheet HTML 362Page - NEC MPD78CP18KB Datasheet HTML 363Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 373 page
background image
APPENDIX A
INTRODUCTION TO PIGGYBACK PRODUCT
341
Pin Name
Input/Output
Function
Strobe signal output for external memory write operations. High level
except in external memory data write machine cycles. Becomes high-
impedance output when RESET signal is low or in hardware STOP mode.
Srtobe signal output for external memory read operations. High level
except in external memory data read machine cycles. Becomes high-
impedance output when RESET signal is low or in hardware STOP mode.
Strobe signal output for external latching of lower address information
output to pins PD7 to PD0 to access external memory. Becomes high-
impedance output when RESET signal is low or in hardware STOP mode.
Set MODE0 pin to "0" (low level), MODE1 pin to "1" (high level)Note.
When MODE0 and MODE1 pins are both set to "1"Note control signal is
output in synchronization with ALE.
Edge-triggered (falling edge) non-maskable interrupt input pin.
Edge-triggered (rising edge) maskable interrupt input pin; can also be used
as AC input zero-cross detection pin.
8 analog inputs to A/D converter. AN7 to AN4 can also be used as edge-
detected (falling edge) inputs.
Dual function as A/D converter reference voltage input pin and A/D
converter operation control pin
A/D converter power supply pin
A/D converter GND pin
System clock oscillation crystal connected inputs. When clock is supplied
externally, it is input to X1. Input inverted phase clock of X1 to X2.
Low-level active system reset input
Hardware STOP mode control signal input pin: When driven low, oscillator
operation stops.
Positive power supply pin
GND pin
WR
Output
(Write strobe)
RD
Output
(Read strobe)
ALE
Output
(Address latch
enable)
MODE0
I/O
MODE1
(Mode)
NMI
Input
(Non-maskable
interrupt)
INT1
Input
(Interrupt
request)
AN7 to AN0
Input
(Analog input)
VAREF
Input
(Reference
voltage)
AVDD
(Analog VDD)
AVSS
(Analog VSS)
X1, X2
(Crystal)
RESET
Input
(Reset)
STOP
Input
(Stop)
VDD
VSS
Note Should be pulled up. The pull-up resistor R specification is: 4 [k
Ω] ≤ R ≤ 0.4CYC [kΩ] (tCYC in ns units).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com