| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPD78CP18KB bảng dữ liệu(PDF) 358 Page - NEC |
|
|
|||||||||||||||||||||||||||||
MPD78CP18KB bảng dữ liệu(HTML) 358 Page - NEC |
|
358 / 373 page ![]() APPENDIX A INTRODUCTION TO PIGGYBACK PRODUCT 340 A.1 Pin Functions A.1.1 Lower pins ( µPD78C11A/78C12A/78C14 QUIP type compatible) Pin Name Input/Output Function PA7 to PA0 I/O 8-bit input/output port, with input/output specifiable bit-wise (Port A) PB7 to PB0 I/O 8-bit input/output port, with input/output specifiable bit-wise (Port B) PC0/TXD I/O/output Transmit data Serial data output pin PC1/RXD I/O/input Receive data Serial data input pin PC2/SCK I/O/I/O Serial clock Serial clock input/output pin: Output when internal clock is used, input when external clock is used PC3/INT2/TI I/O/input/input Interrupt request/timer input Edge-triggered (falling edge) maskable interrupt input pin or timer external clock input pin can also be used as AC input zero-cross detection pin PC4/TO I/O/output Timer output Square wave is output with timer count time or one internal clock cycle as one half cycle PC5/CI I/O/input Counter input Input pin for external pulses to timer/ event counter PC6/CO0 I/O/output Counter output 0 & 1 PC7/CO1 Rectangular-wave output programmable by timer/event counter PD7 to PD0/ I/O/I/O Port D Address/data bus AD7 to AD0 8-bit input/output port, with Functions as multiplexed input/output specifiable bit-wise address/data bus when external memory is used PF7 to PF0/ I/O/output Port F Address bus AB15 to AB8 8-bit input/output port, with Functions as address bus when input/output specifiable bit-wise external memory is used Port C 8-bit input/output port, with input/ output specifiable bit-wise |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |