công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 353 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 353 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 349Page - NEC MPD78CP18KB Datasheet HTML 350Page - NEC MPD78CP18KB Datasheet HTML 351Page - NEC MPD78CP18KB Datasheet HTML 352Page - NEC MPD78CP18KB Datasheet HTML 353Page - NEC MPD78CP18KB Datasheet HTML 354Page - NEC MPD78CP18KB Datasheet HTML 355Page - NEC MPD78CP18KB Datasheet HTML 356Page - NEC MPD78CP18KB Datasheet HTML 357Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 373 page
background image
CHAPTER 15
OPERATING PRECAUTIONS
335
15.9 How to Use Standby Flag
• Target products
:
All products
• Details
:
Assurance is not given to voltage level where the standby (SB) flag is set again after
the power supply voltage subsequent to entering the software/hardware STOP mode.
(The desirable voltage is maintained in a state where 2.5 V
≤ VDD ≤ operational voltage
range.) Therefore, the SB flag cannot be used for a test as to whether the RAM back
is normal after releasing software/hardware STOP mode.
• Remedy
:
Keep the data retention voltage VDDDR over 2.5 V by hardware in the software/hardware
STOP mode.
15.10 Bus Interface
• Target products
:
All products
• Details
:
In case where a RAM is expanded externally, connecting a comparatively speedy SRAM
may cause large current to run in the read operation due to collision of address output
signal from address/data (PD7 to PD0) with SRAM output signal.
Figure 15-6.
µPD78C18 Read Operation
Remark
Symbols in ( ) are SRAM (
µPD43256A) pin names.
• Remedy
:
To connect an SRAM, insert gates, etc. between the RD and SRAM OE pins to give
a delay (tDELY) to the RD active signal.
In this case be sure to satisfy the tRD specification as given below.
t0E + tDELY
≤ tRD
tAD
Address (Low-order)
Address (High-order)
tAFR (20 ns MAX.)
Data read
tLDR
tRD
SRAM read cycle
(DOUT)
RD
(OE)
ALE
PD7-0
(A0-A7)
PF7-0
(A8-A14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com