công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 347 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 347 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 343Page - NEC MPD78CP18KB Datasheet HTML 344Page - NEC MPD78CP18KB Datasheet HTML 345Page - NEC MPD78CP18KB Datasheet HTML 346Page - NEC MPD78CP18KB Datasheet HTML 347Page - NEC MPD78CP18KB Datasheet HTML 348Page - NEC MPD78CP18KB Datasheet HTML 349Page - NEC MPD78CP18KB Datasheet HTML 350Page - NEC MPD78CP18KB Datasheet HTML 351Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 373 page
background image
CHAPTER 15
OPERATING PRECAUTIONS
329
15.4 Restrictions on Serial Interface and Asynchronous Modes
• Target products
:
µPD78C10
78C11
78C14 (Standards "K" and "E")
78C14A
78CG14
• Details
:
When the serial data reception is made in the asynchronous mode using external clock
SCK signal, the ER flag may not be set normally event if the reception is made normally.
• Remedy
:
Examine the following methods.
(1) Correction by software
When the ER flag is set, issue the transmit request to transmitting side. This is the most desirable method
as a remedy against error occurrence.
(2) Using the internal clock as SCK signal source
Use the internal clock as the SCK signal source. In this case, do not output the SCK from the PC2 pin (MCC2=0,
with PC2 placed in the port mode).
(3) Inputting an external clock signal to PC3/TI
Input an external clock signal to PC3/TI and count TI with the timer. Reverse TO by the timer comparator
match signal and use the reversed TO as SCK signal. In this case, never output SCK from the PC2 pin
(MCC2=0).
[Receving processing initialization program example]
MVI
SMH, 00H
; SCK: TO
MVI
A,
××H
; SML setting
MOV
SML, A
MVI
A,
××H
; TM0 (data to scale the TI input ) setting
MOV
TM0, A
MVI
TMM,
×××01000B ; TIMER0: TI count, TO is reversed by the TIMER0 match signal.
MVI
A,
××××101×B
; PC1: RXD input
PC2: Port mode
PC3: TI input
MOV
MCC, A
:
:
:
ORI
SMH, 08H
; Receive enabled
Remarks
1. Relationship between TI input frequency fTI, data transfer speed B, and clock rate N is as given
below
fTI
B=
2
×C×N
(Where C is TM0 set value)
2. The TI input high/low level width is 6/f×× (f××: oscillation frequency) or more. (The level width
is 0.4
µs or more when f××=15 MHz, and the maximum frequency of fTI is 1.25 MHz for 50%
duty.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com