công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 242 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 242 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 238Page - NEC MPD78CP18KB Datasheet HTML 239Page - NEC MPD78CP18KB Datasheet HTML 240Page - NEC MPD78CP18KB Datasheet HTML 241Page - NEC MPD78CP18KB Datasheet HTML 242Page - NEC MPD78CP18KB Datasheet HTML 243Page - NEC MPD78CP18KB Datasheet HTML 244Page - NEC MPD78CP18KB Datasheet HTML 245Page - NEC MPD78CP18KB Datasheet HTML 246Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 373 page
background image
CHAPTER 14
INSTRUCTION SET
224
14.4.4 Auto-decrement addressing
This is a special mode of register indirect addressing using the HL and DE register pairs, in which, after the memory
to be manipulated is addressed using the contents of the register pair specified by the addressing specification code
(A3A2A1A0) in the instruction as the operand address, the contents of that register pair are automatically decremented
by 1, thus preparing for the next addressing operation.
Auto-decrement addressing is used when an instruction with the following operand formats is executed.
Notation
Description Method
rpa
D–, H–
rpa2
D–, H–
Examples 1.
ADDX rpa
Operation code
01110000
11000A2
A1
A0
If the auto-decrement mode is selected for the HL register pair used as rpa, the instruction is
written as shown below.
ADDX H–; A
← A + (HL), HL ← HL –1
The corresponding operation code is shown below.
Operation code
01110000
11000111
2.
Interrupt generation or execution of a CALL instruction or PUSH instruction
Although not specified by an operand, when an interrupt is generated or a CALL instruction or
PUSH instruction is executed, in all of which cases register contents are stored in the stack,
auto-decrementing of the stack pointer (SP) is performed.
SOFTI ;
(SP–1)
← PSW, (SP–2) ← PC+1H
(SP–3)
← PC+1L, PC ← 0060H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com