công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 208 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 208 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 204Page - NEC MPD78CP18KB Datasheet HTML 205Page - NEC MPD78CP18KB Datasheet HTML 206Page - NEC MPD78CP18KB Datasheet HTML 207Page - NEC MPD78CP18KB Datasheet HTML 208Page - NEC MPD78CP18KB Datasheet HTML 209Page - NEC MPD78CP18KB Datasheet HTML 210Page - NEC MPD78CP18KB Datasheet HTML 211Page - NEC MPD78CP18KB Datasheet HTML 212Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 373 page
background image
CHAPTER 11
EXTERNAL DEVICE ACCESSES AND TIMINGS
190
11.1.1 Memory mapping register (MM)
The memory mapping register is an 8-bit register which performs the following controls:
• Port/expansion mode specification for PD7 to PD0 and PF7 to PF0
• Enabling/disabling of on-chip RAM accesses
• Specification of on-chip EPROM access range (
µPD78CP18/78CP14 only: See CHAPTER 12 PROM ACCESSES
(
µPD78CP18/78CP14 ONLY))
The configuration of the memory mapping register is shown in Figure 11-2.
(1) Bits MM0 to MM2
These bits control the PD7 to PD0 port/expansion mode and input/output specification, and the PF7 to PF0
address output specification.
As shown in Figure 11-2, there is a choice of four capacities for the connectable external memory:
• 256 bytes
• 4K bytes
• 16K bytes
• 31K/48K/56K/60K bytes:
31K bytes of external expansion memory can be connected to the
µPD78C18,
48K bytes to the
µPD78C14/78C14A, 56K bytes to the µPD78C12A, and 60K
bytes to the
µPD78C11A.
Any of the pins PF7 to PF0 not used as address outputs can be used as general-purpose port pins.
RESET input or the hardware STOP mode resets (0) these bits and sets PD7 to PD0 to input port mode (high-
impedance).
(2) MM3 bit (RAE)
This bit controls enabling (RAE=1) and disabling (RAE=0) of on-chip RAM accesses.
This bit should be set to "0" during standby operation and when externally connected RAM and not on-chip
RAM is used.
In normal operation this bit retains its value when RESET is input.
Cautions
1. Overwriting the RAE bit during program execution allows an apparent increase of 256
bytes in the memory space.
However, this operation cannot be emulated by an
emulator, and should therefore not be performed.
2. The RAE bit is undefined after a power-on reset, and must therefore be initialized by
an instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com