công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 206 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 206 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 202Page - NEC MPD78CP18KB Datasheet HTML 203Page - NEC MPD78CP18KB Datasheet HTML 204Page - NEC MPD78CP18KB Datasheet HTML 205Page - NEC MPD78CP18KB Datasheet HTML 206Page - NEC MPD78CP18KB Datasheet HTML 207Page - NEC MPD78CP18KB Datasheet HTML 208Page - NEC MPD78CP18KB Datasheet HTML 209Page - NEC MPD78CP18KB Datasheet HTML 210Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 373 page
background image
CHAPTER 11
EXTERNAL DEVICE ACCESSES AND TIMINGS
188
Similarly, in the 4K-byte expansion mode, the
µPD78C18/78C14/78C14A/78C12A/78C11A masks the high-order
4 bits of the 16-bit external reference address, and outputs a value from 000H to FFFH from pins PF3 to PF0 (AB11
to AB8) and pins PD7 to PD0 as address information.
Similarly, in the 16K-byte expansion mode, the
µPD78C18/78C14/78C14A/78C12A/78C11A masks the high-order
2 bits of the 16-bit external reference address, and outputs a value from 0000H to 3FFFH from pins PF5 to PF0 (AB13
to AB8) and pins PD7 to PD0 as address information.
As the high-order bits of the 16-bit address are masked in this way in the 256-byte/4K-byte/16K-byte expansion
modes, the external device can be located in any desired 256-byte/4K-byte/16K-byte area in the external 60K-byte
area. However, if, in the 16K-byte expansion mode, external ROM is connected in the expansion area and addresses
1000H to 4FFFH following the on-chip ROM are used as the external ROM area, it should be noted that there will
be the following differences between the program counter (PC) and the address which is actually output from pins
PF5 through PF0 and PD7 through PD0.
PC
PF5-0, PD7-0
1000H
1000H
3FFFH
3FFFH
4000H
0000H
4FFFH
0FFFH
When external ROM addresses are used as consecutive addresses, the external ROM area should be set in
addresses 4000H to 7FFFH. Since, in this case, on-chip ROM and external ROM are not in consecutive addresses,
a jump instruction must be used to move the program to the respective areas. The same applies if the external ROM
area is set in addresses 8000H to BFFFH.
Cautions 1. The internal address bus contents are output in all machine cycles to port D when it is
functioning as an address/data bus. Also, the internal address bus contents are output in all
machine cycles from port F pins functioning as an address bus. However, RD and WR signals
are only output in a memory cycle.
2. Software which dynamically changes the operating mode of port D and port F cannot be
emulated by an emulator, and therefore should not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com