công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 180 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 180 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 176Page - NEC MPD78CP18KB Datasheet HTML 177Page - NEC MPD78CP18KB Datasheet HTML 178Page - NEC MPD78CP18KB Datasheet HTML 179Page - NEC MPD78CP18KB Datasheet HTML 180Page - NEC MPD78CP18KB Datasheet HTML 181Page - NEC MPD78CP18KB Datasheet HTML 182Page - NEC MPD78CP18KB Datasheet HTML 183Page - NEC MPD78CP18KB Datasheet HTML 184Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 373 page
background image
CHAPTER 9
INTERRUPT CONTROL FUNCTIONS
162
When execution of the interrupt service routine ends, processing is performed to return to the address at which
the interrupt was acknowledged. First, registers, flags, etc., other than the PSW which have been save are restored,
and if necessary the IE F/F is set by the EI instruction. Next, the RETI instruction is used to restore the previously
saved return address and PSW in the order: Lower PC byte, upper PC byte, PSW.
Since interrupt servicing is performed for non-maskable interrupts irrespective of the status of the IE F/F, they
are useful for program processing in the event of an emergency such as a power failure.
The configuration of the NMI pin is shown in Figure 9-5. Although INTFNMI cannot be tested by a skip instruction,
the NMI pin status can be tested by a skip instruction (SKIT NMI or SKNIT NMI). Thus, in the non-maskable interrupt
service routine, relatively wide noise can be removed by testing the NMI pin status several times using a skip
instruction. The NMI pin status is not changed when tested by a skip instruction.
Caution The IE F/F is reset unconditionally when a non-maskable interrupt is generated, and the contents
of the IE F/F prior to the non-maskable interrupt are not saved. Therefore, when returning to
the main routine the original status of the IE F/F should be determined by means of the stack
address when the non-maskable interrupt was generated.
Figure 9-5. Internal Configuration of NMI Pin
NMI
DQ
NMI
S
R
Q
Non-maskable
interrupt
request
Non-maskable
interrupt
acknowledgment
Test control
µ PD78C18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com