công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPD78CP18KB bảng dữ liệu(PDF) 178 Page - NEC

tên linh kiện MPD78CP18KB
Giải thích chi tiết về linh kiện  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

MPD78CP18KB bảng dữ liệu(HTML) 178 Page - NEC

Back Button MPD78CP18KB Datasheet HTML 174Page - NEC MPD78CP18KB Datasheet HTML 175Page - NEC MPD78CP18KB Datasheet HTML 176Page - NEC MPD78CP18KB Datasheet HTML 177Page - NEC MPD78CP18KB Datasheet HTML 178Page - NEC MPD78CP18KB Datasheet HTML 179Page - NEC MPD78CP18KB Datasheet HTML 180Page - NEC MPD78CP18KB Datasheet HTML 181Page - NEC MPD78CP18KB Datasheet HTML 182Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 373 page
background image
CHAPTER 9
INTERRUPT CONTROL FUNCTIONS
160
9.3 Non-Maskable Interrupt Operation
When the INTFNMI interrupt request flag is set by a falling edge input to the NMI pin, a non-maskable interrupt
is acknowledged by means of the following procedure irrespective of the EI/DI state (see Figure 9-4).
(i)
A check is made to see if INTFNMI is set at the end of each instruction. If INTFNMI is set, a non-maskable
interrupt is acknowledged at INTFNMI is reset.
(ii)
When the non-maskable interrupt is acknowledged, the IE F/F is reset and all interrupts except for non-
maskable interrupts and the SOFTI instruction are placed in the disabled state (DI state).
(iii) PSW, PC high byte and PC low byte are saved into the stack memory in that order.
(iv) The program jumps to the interrupt address (0004H).
These interrupt operations are automatically carried out in 16 states.
Caution Operations when a non-maskable interrupt is generated directly after a maskable interrupt
(1)
The PC value at the time of the interrupt is saved to the stack.
(2)
The vector address of the maskable interrupt is stored in the PC, and the corresponding
interrupt request flag is reset.
(3)
Non-maskable interrupt servicing is executed before execution of the maskable interrupt
routine.
(4)
The non-maskable interrupt routine is executed.
In this case, the return destination from the non-maskable interrupt routine is the maskable
interrupt routine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com