công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APEX20KC bảng dữ liệu(PDF) 42 Page - Altera Corporation

tên linh kiện APEX20KC
Giải thích chi tiết về linh kiện  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALTERA [Altera Corporation]
Trang chủ  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC bảng dữ liệu(HTML) 42 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 38Page - Altera Corporation APEX20KC Datasheet HTML 39Page - Altera Corporation APEX20KC Datasheet HTML 40Page - Altera Corporation APEX20KC Datasheet HTML 41Page - Altera Corporation APEX20KC Datasheet HTML 42Page - Altera Corporation APEX20KC Datasheet HTML 43Page - Altera Corporation APEX20KC Datasheet HTML 44Page - Altera Corporation APEX20KC Datasheet HTML 45Page - Altera Corporation APEX20KC Datasheet HTML 46Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 90 page
background image
42
Altera Corporation
APEX 20KC Programmable Logic Device Data Sheet
Figure 27 shows how a column IOE connects to the interconnect.
Figure 27. Column IOE Connection to the Interconnect
Dedicated Fast I/O Pins
APEX 20KC devices incorporate an enhancement to support bidirectional
pins with high internal fan-out such as PCI control signals. These pins are
called dedicated fast I/O pins (FAST1, FAST2, FAST3, and FAST4) and
replace dedicated inputs. These pins can be used for fast clock, clear, or
high fan-out logic signal distribution. They also can drive out. The
dedicated fast I/O pin data output and tri-state control are driven by local
interconnect from the adjacent MegaLAB for high speed.
Row Interconnect
Column Interconnect
Each IOE can drive a column interconnect. IOEs can also
drive FastRow and column interconnects. Each IOE data
and OE signal is driven by local interconnect.
Any LE or ESB can drive
a column pin through a
row, column, and MegaLAB
interconnect.
IOE
IOE
LAB
An LE or ESB can drive a
pin through a local
interconnect for faster
clock-to-output times.
MegaLAB Interconnect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90