| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APEX20KC bảng dữ liệu(PDF) 33 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
APEX20KC bảng dữ liệu(HTML) 33 Page - Altera Corporation |
|
33 / 90 page ![]() Altera Corporation 33 APEX 20KC Programmable Logic Device Data Sheet Single-Port Mode The APEX 20KC ESB also supports a single-port mode, which is used when simultaneous reads and writes are not required. See Figure 22. Figure 22. ESB in Single-Port Mode Note (1) Note toFigure 22: (1) All registers can be asynchronously cleared by ESB local interconnect signals, global signals, or the chip-wide reset. Content-Addressable Memory In APEX 20KC devices, the ESB can implement CAM. CAM can be thought of as the inverse of RAM. When read, RAM outputs the data for a given address. Conversely, CAM outputs an address for a given data word. For example, if the data FA12 is stored in address 14, the CAM outputs 14 when FA12 is driven into it. Dedicated Clocks 44 D ENA Q D ENA Q D ENA Q D ENA Q data[ ] address[ ] RAM/ROM 128 × 16 256 × 8 512 × 4 1,024 × 2 2,048 × 1 Data In Address Write Enable Data Out outclken inclken inclock outclock Write Pulse Generator wren Dedicated Inputs & Global Signals To MegaLAB, FastTrack & Local Interconnect |