| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APEX20KC bảng dữ liệu(PDF) 24 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
APEX20KC bảng dữ liệu(HTML) 24 Page - Altera Corporation |
|
24 / 90 page ![]() 24 Altera Corporation APEX 20KC Programmable Logic Device Data Sheet Product-Term Logic The product-term portion of the MultiCore architecture is implemented with the ESB. The ESB can be configured to act as a block of macrocells on an ESB-by-ESB basis. Each ESB is fed by 32 inputs from the adjacent local interconnect; therefore, it can be driven by the MegaLAB interconnect or the adjacent LAB. Also, nine ESB macrocells feed back into the ESB through the local interconnect for higher performance. Dedicated clock pins, global signals, and additional inputs from the local interconnect drive the ESB control signals. In product-term mode, each ESB contains 16 macrocells. Each macrocell consists of two product terms and a programmable register. Figure 13 shows the ESB in product-term mode. Table 8. APEX 20KC Routing Scheme Source Destination Row I/O Pin Column I/O Pin LE ESB Local Interconnect MegaLAB Interconnect Row FastTrack Interconnect Column FastTrack Interconnect FastRow Interconnect Row I/O pin vvvv Column I/O pin vv LE vvvv ESB vvvv Local interconnect vv v v MegaLAB interconnect v Row FastTrack interconnect v v Column FastTrack interconnect vv FastRow interconnect v |