| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APEX20KC bảng dữ liệu(PDF) 68 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
APEX20KC bảng dữ liệu(HTML) 68 Page - Altera Corporation |
|
68 / 90 page ![]() 68 Altera Corporation APEX 20KC Programmable Logic Device Data Sheet Figure 35. Synchronous Bidirectional Pin External Timing Notes to Figure 35: (1) The output enable and input registers are LE registers in the LAB adjacent to the bidirectional pin. Use the “Output Enable Routing = Single-Pin” option in the Quartus II software to set the output enable register. (2) Use the “Decrease Input Delay to Internal Cells = OFF” option in the Quartus II software to set the LAB-adjacent input register. This maintains a zero hold time for LAB-adjacent registers while giving a fast, position-independent setup time. Set “Decrease Input Delay to Internal Cells = ON” and move the input register farther away from the bidirectional pin for a faster setup time with zero hold time. The exact position where zero hold occurs with the minimum setup time varies with device density and speed grade. Tables 36 to 38 describes the fMAX timing parameters shown in Figure 32. Table 39 describes the functional timing parameters. PRN CLRN DQ PRN CLRN DQ OE Register (1) Bidirectional Pin Dedicated Clock PRN CLRN DQ Input Register (1), (2) XZBIDIR t ZXBIDIR t OUTCOBIDIR t INSUBIDIR t INHBIDIR t Output IOE Register Table 36. APEX 20KC fMAX LE Timing Parameters Symbol Parameter tSU LE register setup time before clock tH LE register hold time before clock tCO LE register clock-to-output delay tLUT LUT delay for data-in to data-out |