| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APEX20KC bảng dữ liệu(PDF) 12 Page - Altera Corporation |
|
|
|||||||||||||||||||||||||||||
APEX20KC bảng dữ liệu(HTML) 12 Page - Altera Corporation |
|
12 / 90 page ![]() 12 Altera Corporation APEX 20KC Programmable Logic Device Data Sheet Figure 5. APEX 20KC Logic Element Each LE’s programmable register can be configured for D, T, JK, or SR operation. The register’s clock and clear control signals can be driven by global signals, general-purpose I/O pins, or any internal logic. For combinatorial functions, the register is bypassed and the output of the LUT drives the outputs of the LE. Each LE has two outputs that drive the local, MegaLAB, or FastTrack interconnect routing structure. Each output can be driven independently by the LUT’s or register’s output. For example, the LUT can drive one output while the register drives the other output. This feature, called register packing, improves device utilization because the register and the LUT can be used for unrelated functions. The LE can also drive out registered and unregistered versions of the LUT output. labclk1 labclk2 labclr1 labclr2 Carry-In Clock & Clock Enable Select Carry-Out Look-Up Table (LUT) Carry Chain Cascade Chain Cascade-In Cascade-Out To FastTrack Interconnect, MegaLAB Interconnect, or Local Interconnect To FastTrack Interconnect, MegaLAB Interconnect, or Local Interconnect Programmable Register PRN CLRN DQ ENA Register Bypass Packed Register Select Chip-Wide Reset labclkena1 labclkena2 Synchronous Load & Clear Logic LAB-wide Synchronous Load LAB-wide Synchronous Clear Asynchronous Clear/Preset/ Load Logic data1 data2 data3 data4 |