công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC34RF72 bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện ADC34RF72
Giải thích chi tiết về linh kiện  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 5Page - Texas Instruments ADC34RF72 Datasheet HTML 6Page - Texas Instruments ADC34RF72 Datasheet HTML 7Page - Texas Instruments ADC34RF72 Datasheet HTML 8Page - Texas Instruments ADC34RF72 Datasheet HTML 9Page - Texas Instruments ADC34RF72 Datasheet HTML 10Page - Texas Instruments ADC34RF72 Datasheet HTML 11Page - Texas Instruments ADC34RF72 Datasheet HTML 12Page - Texas Instruments ADC34RF72 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
5.6 Electrical Characteristics - DC Specifications
Maximum and minimum values are specified over the operating free-air temperature range and nominal supply voltages.
Typical values are specified at TA = 25°C, ADC sampling rate = 1.5 GSPS, DDC Bypass mode, 50% clock duty cycle,
nominal supply voltages and –1-dBFS differential input, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ACCURACY
No missing codes
16
bits
DNL
Differential nonlinearity
FIN = 10 MHz
0.3
LSB
INL
Integral nonlinearity
FIN = 10 MHz
2.5
LSB
VOS_ERR
Offset error
0.9
%FSR
GAINERR
Gain error
1.0
%FSR
GAINMatching Gain matching across channels
0.1
dB
ADC ANALOG INPUTS (IN0P/N, IN1P/N, IN2P/N, IN3P/N)
FS
Input full scale
Differential
1.4375
Vpp
VICM
Input common model voltage
1.25
1.35
1.45
V
ZIN
Differential input impedance
Differential at 100 MHz
100
Ω
VOCM
Output common mode voltage
1.35
V
BW
Analog Input Bandwidth (-3dB)
1.8
GHz
CMRR
Common mode rejection ratio
FIN = 100 MHz
30
dB
CLOCK INPUT (CLKP/N)
Input clock frequency
500
1500
MHz
VID
Differential input voltage
0.6
2.0
2.8
Vpp
VICM
Input common mode voltage
0.7
V
ZIN
Differential input impedance
Differential at 1.5 GHz
100
Ω
Clock duty cycle
30
50
70
%
SYSREF INPUT (SYSREFP/N)
VID
Differential input voltage
350
450
800
mVpp
VICM
Input common mode voltage
1.05
1.2
1.325
V
Digital Inputs (GPIO1..23, RESET, SCLK, SEN, SDIO, SYNC)
VIH
High level input voltage
1.15
V
VIL
Low level input voltage
0.65
V
IIH
High level input current
-250
250
μA
IIL
Low level input current
-250
250
μA
CI
Input capacitance
2
pF
DIGITAL OUTPUT (SDIO, SDOUT)
VOH
High level output voltage
ILOAD = -400 μA
AVDDG
PIO18–
0.1
AVDDG
PIO18
V
VOL
Low level output voltage
ILOAD = 400 μA
0.1
V
CML SERDES OUTPUTS: STX[0..7]P/N
VOD
SerDes transmitter output amplitude
differential peak-peak
950
mVpp
VOCM
SerDes transmitter output common
mode
450
mV
ZTX
SerDes transmitter single ended
termination impedance
50
Ω
Transmitter short-circuit current
Transmitter pins shorted to any voltage
between –0.25 V and 1.45 V
–100
100
mA
www.ti.com
ADC32RF72
SBASAL2 – NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com