công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC34RF72 bảng dữ liệu(PDF) 43 Page - Texas Instruments

tên linh kiện ADC34RF72
Giải thích chi tiết về linh kiện  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 bảng dữ liệu(HTML) 43 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 39Page - Texas Instruments ADC34RF72 Datasheet HTML 40Page - Texas Instruments ADC34RF72 Datasheet HTML 41Page - Texas Instruments ADC34RF72 Datasheet HTML 42Page - Texas Instruments ADC34RF72 Datasheet HTML 43Page - Texas Instruments ADC34RF72 Datasheet HTML 44Page - Texas Instruments ADC34RF72 Datasheet HTML 45Page - Texas Instruments ADC34RF72 Datasheet HTML 46Page - Texas Instruments ADC34RF72 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
The following registers can be programmed:
Table 7-15. Mixer and NCO Programming
System Parameter
Name
Size
Default Access
Description
DDC_NCO_UPDATE_SRC_SEL
1
0
R/W
Select the source of the NCO update signal.
0: The NCO update signal is sourced from software.
1: Leaking the internal SYSREF (SYSREF_DIG) to update the
NCOs.
DDC_NCO_RESET_SRC_SEL
1
0
R/W
Select the source of the NCO reset signal.
0: The NCO reset signal is sourced from software.
1: The GPIO arm signal (gpio_nco_arm) arms the NCO module so
that an NCO update signal is issued on the next rising edge of
SYSREF.
DDC_NCO_UPDATE_MASK
8
0
R/W
Per DDC NCO update signal masking control. If the NCO update
source is from software, DDC[x] and DDC[x+1], where x
∈ {0,2,4,6},
must be configured identically. Setting the mask bit to 1 makes sure
the respective DDC NCOs are masked from the NCO update signal.
Bit 0: DDC0 NCO update mask control.
Bit 1: DDC1 NCO update mask control.
Bit 2: DDC2 NCO update mask control.
Bit 3: DDC3 NCO update mask control.
Bit 4: DDC4 NCO update mask control.
Bit 5: DDC5 NCO update mask control.
Bit 6: DDC6 NCO update mask control.
Bit 7: DDC7 NCO update mask control.
DDC_NCO_RESET_MASK
8
0
R/W
Per DDC NCO reset signal masking control. If the NCO reset source
is from software, DDC[x] and DDC[x+1], where x
∈ {0,2,4,6}, must
be configured identically. Setting the mask bit to 1 makes sure the
respective DDC NCOs are masked from the NCO reset signal.
Bit 0: DDC0 NCO update reset control.
Bit 1: DDC1 NCO update reset control.
Bit 2: DDC2 NCO update reset control.
Bit 3: DDC3 NCO update reset control.
Bit 4: DDC4 NCO update reset control.
Bit 5: DDC5 NCO update reset control.
Bit 6: DDC6 NCO update reset control.
Bit 7: DDC7 NCO update reset control.
DDC{0..7}_NCO_HOP_SRC_SEL
1
0
R/W
Select the source of the NCO hoping signal for the DDC.
0: NCO selection (frequency hopping) through GPIO (one GPIO
function per DDC).
1: NCO selection (frequency hopping) through software.
DDC{0..7}_NCO_HOP_MODE
1
0
R/W
Select the NCO mode when hopping.
0: Not used
1: Phase coherent hopping mode where the original phase of the
NCOs is always maintained across hops.
DDC{0..7}_NCO{0,1}_FCW
48
0
R/W
48-bit FCW word for NCO{0,1}
DDC{0..7}_NCO{0,1}_PHASE
19
0
R/W
19-bit phase offset for NCO{0,1}
www.ti.com
ADC32RF72
SBASAL2 – NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com