công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC34RF72 bảng dữ liệu(PDF) 24 Page - Texas Instruments

tên linh kiện ADC34RF72
Giải thích chi tiết về linh kiện  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 bảng dữ liệu(HTML) 24 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 20Page - Texas Instruments ADC34RF72 Datasheet HTML 21Page - Texas Instruments ADC34RF72 Datasheet HTML 22Page - Texas Instruments ADC34RF72 Datasheet HTML 23Page - Texas Instruments ADC34RF72 Datasheet HTML 24Page - Texas Instruments ADC34RF72 Datasheet HTML 25Page - Texas Instruments ADC34RF72 Datasheet HTML 26Page - Texas Instruments ADC34RF72 Datasheet HTML 27Page - Texas Instruments ADC34RF72 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 74 page
background image
7.3.4 SYSREF
The SYSREF input signal is used for multi-chip synchronization and resets the internal LMFC counter. The
device must be armed in anticipation of a SYSREF signal; the device is sensitive to the first SYSREF edge after
the device is armed.
The internal SYSREF capture includes a programmable analog delay td, a SYSREF monitor as well as a
programmable digital integer clock cycle delay z-n as shown in Figure 7-8.
SYSREFP/N
z
-n
SYSREF_IN_TYPE_SEL
td
SYSREF
Monitor
CLK
SYSREF_INT
>
D Q
SYSREF_IN_TYPE_SEL
SPI
SYSREF
Figure 7-8. SYSREF Input Internal Path
The SYSREF input signal can be AC or DC coupled (selected via SPI register option) as shown in Figure 7-9.
The SYSREF input has internal 100Ω termination for DC coupling and internal biasing when using AC coupling.
SYSREFP/N
100
Buffer
SYSREFP/N
VCM
(0.7V)
5k
5k
AC Coupling
100
Figure 7-9. SYSREF Input Circuitry and Edge Alignment (Left Side: DC Coupling, Right Side: AC
Coupling)
The following parameters can be programmed:
Table 7-6. SYSREF Configuration Programming
System Parameter
Name
Size
Default
Reset
Description
SYSREF_IN_TYPE_SEL
2
0
R/W
Select input SYSREF type:
0: DC coupled LVDS SYSREF input.
1: AC coupled SYSREF input.
2: not used.
3: Internally generated SYSREF using SPI write.
SYSREF_DIG_DEL
8
0
R/W
Digital SYSREF internal delay (z-n) in clock cycles of CLK.
0...255: Number of device clock cycles delay that is applied to digital SYSREF
before use.
ADC32RF72
SBASAL2 – NOVEMBER 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com