công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC34RF72 bảng dữ liệu(PDF) 48 Page - Texas Instruments

tên linh kiện ADC34RF72
Giải thích chi tiết về linh kiện  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 bảng dữ liệu(HTML) 48 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 44Page - Texas Instruments ADC34RF72 Datasheet HTML 45Page - Texas Instruments ADC34RF72 Datasheet HTML 46Page - Texas Instruments ADC34RF72 Datasheet HTML 47Page - Texas Instruments ADC34RF72 Datasheet HTML 48Page - Texas Instruments ADC34RF72 Datasheet HTML 49Page - Texas Instruments ADC34RF72 Datasheet HTML 50Page - Texas Instruments ADC34RF72 Datasheet HTML 51Page - Texas Instruments ADC34RF72 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 74 page
background image
7.3.6.1.2 SYNC Signal
The SYNC signal is issued using one of two different methods:
1. Use the SYNC input pin to issue a SYNC request
2. The synchronization command is issued via SPI
7.3.6.1.3 JESD204B/C Frame Assembly
The JESD204B/C standard defines the following parameters:
• L: number of lanes per link
• M: number of converters per device
• F: number of octets per frame clock period
• S: number of samples per frame
7.3.6.1.4 JESD204B/C Frame Assembly in Bypass Mode
Table 7-19 lists the available JESD204B/C formats and corresponding valid sampling rate ranges for the
ADC32RF7x. The sampling rates are limited by the minimum and maximum SERDES line rate as well as ADC
sampling clock frequencies. The JESD204B/C frame assembly for the different lanes is shown in Table 7-20.
Table 7-19. JESD Mode Options: Bypass Mode
OUTPUT
RESOLUTION
(Bits)
L
M
F
S
JESD204B:
Lane Rate (Gbps)
JESD204B
RATIO
[fSERDES/FS]
JESD204C:
Lane Rate (Gbps)
JESD204C
RATIO
[fSERDES/FS]
16
8
2
1
2
FS x 16 x 10 / 8 x
M / L
5
FS x 16 x 66 / 64 x
M / L
4.125
4
2
1
1
10
8.25
2
2
2
1
20
16.5
4
1
1
2
5
4.125
2
1
1
1
10
8.25
1
1
2
1
20
16.5
Table 7-20. Example JESD Sample Frame Assembly: Bypass Mode
OUTPUT
LANE
LMFS = 8-2-1-2
LMFS = 4-2-1-1
LMFS = 2-2-2-1
LMFS = 4-1-1-2
LMFS = 2-1-1-1
LMFS = 1-1-2-1
STX0
A0[15:8]
A0[15:8]
A0[15:0]
A0[15:8]
A0[15:8]
A0[15:0]
STX1
A0[7:0]
A0[7:0]
B0[15:0]
A0[7:0]
A0[7:0]
STX2
A1[15:8]
B0[15:8]
A1[15:8]
STX3
A1[7:0]
B0[7:0]
A1[7:0]
STX4
B0[15:8]
STX5
B0[7:0]
STX6
B1[15:8]
STX7
B1[7:0]
ADC32RF72
SBASAL2 – NOVEMBER 2025
www.ti.com
48
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com