công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC34RF72 bảng dữ liệu(PDF) 31 Page - Texas Instruments

tên linh kiện ADC34RF72
Giải thích chi tiết về linh kiện  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 bảng dữ liệu(HTML) 31 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 27Page - Texas Instruments ADC34RF72 Datasheet HTML 28Page - Texas Instruments ADC34RF72 Datasheet HTML 29Page - Texas Instruments ADC34RF72 Datasheet HTML 30Page - Texas Instruments ADC34RF72 Datasheet HTML 31Page - Texas Instruments ADC34RF72 Datasheet HTML 32Page - Texas Instruments ADC34RF72 Datasheet HTML 33Page - Texas Instruments ADC34RF72 Datasheet HTML 34Page - Texas Instruments ADC34RF72 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 74 page
background image
The power consumption scales linearly with sampling rate and with # of taps used. Unused taps can be set to 0.
The digital equalizer can be can be programmed using the following parameters:
Table 7-10. EQ{x} Configuration Programming (x= 0,1)
System Parameter Name
Size
Default
Access
Description
EQ{x}_IN_SRC_SEL
1
0
R/W
Select EQ{x} input data source.
0: EQ{x} input from DSP_IN[2x+1, 2x].
1: EQ{x} input from FDF_OUT[2x+1, 2x].
EQ{x}_MODE_SEL
3
0
R/W
Select EQ{x} mode.
0: Single channel mode.
1: Dual channel mode.
2: Half complex mode.
3: Full complex mode.
4: Delay only mode.
EQ{x}_DEL_VAL
8
0
R/W
EQ{x} delay value. The effect of this setting is dependent on the EQ{x} mode.
0...255: Number of device clock cycles delay that is applied when EQ{x} is in a
mode with a programmable delay.
EQ{x}_NUM_TAPS
8
0
R/W
Number of taps to be used by EQ{x} in a given mode. Can be any value when
in single channel mode. Has to be even in dual channel mode and half complex
mode. Has to be divisible by four in full complex mode.
1...192: Number of taps to be used by EQ{x}.
EQ{x}_TAPS
3072
0
R/W
Set the 192 taps of the EQ{x} block.
Single channel mode: Up to 192 taps are applied to eq_input[2x].
Dual channel mode: Up to 96 taps per eq_input. First 96 taps apply to eq_input[2x].
Second 96 taps apply to eq_input[2x+1].
Half complex mode: Up to 96 taps per eq_input. First 96 taps apply to eq_input[2x].
Second 96 taps apply to eq_input[2x+1].
Full complex mode: Up to 96 taps per eq_input. First 96 taps apply to eq_input[2x];
the first 48 of those taps apply to eq_output[2x]. Second 96 taps apply to
eq_input[2x+1]; the first 48 of those taps apply to eq_output[2x].
www.ti.com
ADC32RF72
SBASAL2 – NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com