công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC34RF72 bảng dữ liệu(PDF) 45 Page - Texas Instruments

tên linh kiện ADC34RF72
Giải thích chi tiết về linh kiện  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 bảng dữ liệu(HTML) 45 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 41Page - Texas Instruments ADC34RF72 Datasheet HTML 42Page - Texas Instruments ADC34RF72 Datasheet HTML 43Page - Texas Instruments ADC34RF72 Datasheet HTML 44Page - Texas Instruments ADC34RF72 Datasheet HTML 45Page - Texas Instruments ADC34RF72 Datasheet HTML 46Page - Texas Instruments ADC34RF72 Datasheet HTML 47Page - Texas Instruments ADC34RF72 Datasheet HTML 48Page - Texas Instruments ADC34RF72 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 74 page
background image
Constraints on Decimation Factor (D) and Repeat Factor (R)
• Sample repeat factor R = 2p, p
∈ ℕ+
• D <= 4: R = 1
• D%3 = 0: R = 1
• D%5 = 0: R = 1
• D > 4: D/R >= 4
Constraints on JESD TX Converter Selection
• Selected converter C
∈ {0,1,...,19}, see Table 7-16
• Converters can be presented in any order within the set above
• In addition the constraints in Table 7-17 apply.
Table 7-16. Converter Selection
CONVERTER
SELECTION NUMBER
DDC0_I
0
DDC0_Q
1
...
...
DDC7_Q
15
ADC0
16
ADC1
17
Table 7-17. Valid JESD Configurations
JESD DATA MODE
DECIMATION
FACTOR D
NUMBER OF
CONVERTERS M PER
LINK
CONVERTERS
AVAILABLE FOR
SELECTION
CONVERTERS
NUMBERS
AVAILABLE FOR
SELECTION
JESD_DATA_MODE_DSP_OUT
1 (DDC BYPASS)
1,2
ADC0, ADC1
16,17
JESD_DATA_MODE_DDC_OUT
2,3
1,2,4
DDC0_IQ, DDC1_IQ,
DDC4_IQ, DDC5_IQ
0,1,2,3,8,9,10,11
4,5
1,2,4,8
DDC0_IQ, ...DDC7_IQ
0,1,2....14,15
8,16,32...
6,10,12,20,...
The following parameters can be programmed:
Table 7-18. JESD TX Link Registers (x: 0 = LINK0, 1 = LINK1)
System Parameter Name
Size
Default
Reset
Description
LINK{x}_SCR_EN
1
0
RW
Control the JESD scrambler enable.
0: JESD scrambler is disabled.
1: JESD scrambler is enabled.
LINK{x}_JESD_TYPE
1
0
RW
Select the JESD type and must be set identically to the ENCODING setting.
0: 8b10b
1: 64b66b
LINK{x}_ENCODING
1
0
RW
Select the JESD encoding. Must be set identically to the JESD_TYPE setting.
0: 8b10b encoding.
1: 64b66b encoding.
LINK{x}_JESD_DATA_MODE
2
0
RW
Select the JESD data source.
0: DDC_OUT provided to JESD.
1: DSP_OUT provided to JESD.
2: not used
3: not used
www.ti.com
ADC32RF72
SBASAL2 – NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com