công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC34RF72 bảng dữ liệu(PDF) 33 Page - Texas Instruments

tên linh kiện ADC34RF72
Giải thích chi tiết về linh kiện  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 bảng dữ liệu(HTML) 33 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 29Page - Texas Instruments ADC34RF72 Datasheet HTML 30Page - Texas Instruments ADC34RF72 Datasheet HTML 31Page - Texas Instruments ADC34RF72 Datasheet HTML 32Page - Texas Instruments ADC34RF72 Datasheet HTML 33Page - Texas Instruments ADC34RF72 Datasheet HTML 34Page - Texas Instruments ADC34RF72 Datasheet HTML 35Page - Texas Instruments ADC34RF72 Datasheet HTML 36Page - Texas Instruments ADC34RF72 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
7.3.5.5 Digital Down Converter (DDC)
The ADC32RF7x includes 8 digital down converters (DDCs) with independent NCOs. Each DDC supports base
decimation factors of 2, 3 or 5 with decimation ratios from /2 to /32768 (/3 .. /96 and /5... /80). The maximum
decimation setting allowed is dependent on sampling rate, number of DDCs, sample repeat factor (only with
factors of 2) and the JESD output resolution 'N' due to the 4Gbps minimum SERDES lane rate required by the
device. Additionally, the final /2 stage supports programmable coefficients.
A crossbar mux is used to connect any DDC input to any ADC or the output of the 2x averaging block. The
ADC32RF7x DDCs can be configured to have independent decimation factors (binary factors only).
DDC0
FRACT.
DELAY
MUX
&
AVG (2x)
EQ
FIR
MUX
&
AVG
(2x)
DDC
/2K
DDC
/2,/3,/5
EQFIR
GAIN
NCO1
NCO0
MUX
JESD
8 Lanes
ADC0
ADC1
ADC3
ADC2
Figure 7-21. Multi-Band Decimation Filter
Real and complex decimation is supported and the passband is approximately 80% of the decimated bandwidth.
Table 7-12. Complex Decimation Setting vs Output Bandwidth
Decimation Factor
Complex Output Bandwidth per DDC
Real Output Bandwidth per DDC
N
0.8x FS / N
0.8x FS / (2N)
www.ti.com
ADC32RF72
SBASAL2 – NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com