công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC34RF72 bảng dữ liệu(PDF) 29 Page - Texas Instruments

tên linh kiện ADC34RF72
Giải thích chi tiết về linh kiện  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 25Page - Texas Instruments ADC34RF72 Datasheet HTML 26Page - Texas Instruments ADC34RF72 Datasheet HTML 27Page - Texas Instruments ADC34RF72 Datasheet HTML 28Page - Texas Instruments ADC34RF72 Datasheet HTML 29Page - Texas Instruments ADC34RF72 Datasheet HTML 30Page - Texas Instruments ADC34RF72 Datasheet HTML 31Page - Texas Instruments ADC34RF72 Datasheet HTML 32Page - Texas Instruments ADC34RF72 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
The fractional delay is configured via SPI register writes and the programmed delay is internally translated into
filter coefficients. The filter response is shown in Figure 7-16 and Figure 7-17. The passband is approximately
85% of the Nyquist zone. Reprogramming the fractional delay can take up to 2µs to update the filter coefficients.
Normalized Frequency (FS)
0
0.1
0.2
0.3
0.4
0.5
0.6
-50
-40
-30
-20
-10
0
10
Figure 7-16. Filter response of the fractional delay
FIR
Normalized Frequency (FS)
0
0.1
0.2
0.3
0.4
0.5
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
Figure 7-17. Filter response of the fractional delay
FIR (zoom)
The fractional delay can be can be programmed using the following parameters:
Table 7-9. Fractional Delay Configuration Programming
System Parameter Name
Size
Default
Access
Description
FDF0_DELAY_VAL_0_LSB
8
0
R/W
Bits [7:0] of the fractional delay value for 0th input data stream to FDF0.
FDF0_DELAY_VAL_0_MSB
4
0
R/W
Bits [11:8] of the fractional delay value for 0th input data stream to FDF0.
FDF0_DELAY_VAL_1_LSB
8
0
R/W
Bits [7:0] of the fractional delay value for 1st input data stream to FDF0.
FDF0_DELAY_VAL_1_MSB
4
0
R/W
Bits [11:8] of the fractional delay value for 1st input data stream to FDF0.
FDF1_DELAY_VAL_0_LSB
8
0
R/W
Bits [7:0] of the fractional delay value for 0th input data stream to FDF1.
FDF1_DELAY_VAL_0_MSB
4
0
R/W
Bits [11:8] of the fractional delay value for 0th input data stream to FDF1.
FDF1_DELAY_VAL_1_LSB
8
0
R/W
Bits [7:0] of the fractional delay value for 1st input data stream to FDF1.
FDF1_DELAY_VAL_1_MSB
4
0
R/W
Bits [11:8] of the fractional delay value for 1st input data stream to FDF1.
www.ti.com
ADC32RF72
SBASAL2 – NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com