công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC34RF72 bảng dữ liệu(PDF) 30 Page - Texas Instruments

tên linh kiện ADC34RF72
Giải thích chi tiết về linh kiện  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 bảng dữ liệu(HTML) 30 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 26Page - Texas Instruments ADC34RF72 Datasheet HTML 27Page - Texas Instruments ADC34RF72 Datasheet HTML 28Page - Texas Instruments ADC34RF72 Datasheet HTML 29Page - Texas Instruments ADC34RF72 Datasheet HTML 30Page - Texas Instruments ADC34RF72 Datasheet HTML 31Page - Texas Instruments ADC34RF72 Datasheet HTML 32Page - Texas Instruments ADC34RF72 Datasheet HTML 33Page - Texas Instruments ADC34RF72 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 74 page
background image
7.3.5.3 Programmable FIR Filter for Equalization
The ADC32RF7x includes an integrated programmable FIR filter block referred to as an equalizer (EQ). As
illustrated in Figure 7-18, there are two EQ blocks (EQ0 and EQ1) which are located at the output of the
fractional delay filters (FDF0/1). Each EQ block can source the input data stream from either dsp_in directly or
from the preceding FDF block. There are a total of four output data streams (eq_out[3:0]) where each output
stream corresponds to a distinct filtered input stream.
Each of the two equalizers (EQ0/EQ1) include up to 192-taps (16-bit) shared across two input streams.
eq_out[1:0]
EQ0
EQ
IN
MUX0
dsp_in[3:2]
EQ
IN
MUX1
fdf_out[3:2]
eq_in_src_sel[0]
eq_in_src_sel[1]
fdf_out[1:0]
dsp_in[1:0]
eq_in[1:0]
EQ1
eq_in[3:2]
FDF0
FDF1
eq_out[3:2]
Figure 7-18. FIR Equalizer Configurations
Each EQ supports several different configurations with up to 192-taps per EQFIR as shown in Figure 7-19.
+
+
+
Full Complex
DELAY
DELAY only
Half Complex
192-tap
DELAY
Single channel
eq_in[2x]
eq_in[2x+1]
96-tap
96-tap
Dual channel
eq_in[2x]
eq_in[2x+1]
eq_out[2x]
eq_out[2x+1]
eq_out[2x]
eq_out[2x+1]
eq_in[2x]
eq_in[2x+1]
eq_out[2x]
eq_out[2x+1]
eq_in[2x]
eq_in[2x+1]
eq_out[2x]
eq_out[2x+1]
eq_in[2x]
eq_in[2x+1]
eq_out[2x]
eq_out[2x+1]
96-tap
96-tap
DELAY
48-tap
48-tap
48-tap
48-tap
Figure 7-19. FIR Equalizer Configurations for EQ0 (x=0) and EQ1 (x=1)
ADC32RF72
SBASAL2 – NOVEMBER 2025
www.ti.com
30
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com