công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC34RF72 bảng dữ liệu(PDF) 59 Page - Texas Instruments

tên linh kiện ADC34RF72
Giải thích chi tiết về linh kiện  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 bảng dữ liệu(HTML) 59 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 55Page - Texas Instruments ADC34RF72 Datasheet HTML 56Page - Texas Instruments ADC34RF72 Datasheet HTML 57Page - Texas Instruments ADC34RF72 Datasheet HTML 58Page - Texas Instruments ADC34RF72 Datasheet HTML 59Page - Texas Instruments ADC34RF72 Datasheet HTML 60Page - Texas Instruments ADC34RF72 Datasheet HTML 61Page - Texas Instruments ADC34RF72 Datasheet HTML 62Page - Texas Instruments ADC34RF72 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 74 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The ADC32RF72 can be used in a wide range of applications including radar, frequency and/or time domain
digitizer and spectrum analyzer, test and communications equipment and software-defined radios (SDRs). The
Typical Applications section describe two configurations that meet the needs of a number of these applications.
8.2 Typical Application: Spectrum Analyzer
This section demonstrates the use of ADC32RF72 as a wideband RF sampling receiver. The device is flexible
and can be used as either a 2-channel receiver or as a single channel receiver with better noise floor using
internal digital averaging. The ADC is driven by single-ended RF amplifiers and the conversion to differential
signaling is achieved by a transformer (balun). The device includes digital down-converters (DDCs) in both
dual-channel and single-channel modes to mix the desired frequency band to baseband and down-sample the
data to reduce the interface rate. The block diagram for the wideband RF sampling receiver is shown in Figure
8-1 where the device is configured in single-channel mode for best noise density.
SPI Registers and
Device Control
Up to 8 lanes
JESD204B
SPI
GPIO
LMK04832
Device Clock
SYSREF
SYSREF
MONITOR
DIGITAL SIGNAL PROCESSING
- 96-tap/ch FIREQ
- Fractional Delay Filter
- 8x DDC /2,/3,/4,/5../32768
ADC
ADC
Split/
Match
RF Input
BPF
Device Clock
SYSREF
FPGA
Figure 8-1. Wideband RF Sampling Receiver
8.2.1 Design Requirements
8.2.1.1 Input Signal Path: Wideband Receiver
Appropriate band limiting filters are used to reject unwanted frequencies in the receive signal path. A 1:2 (for
100Ω effective termination impedance) or a 1:1 (for 50Ω effective termination impedance) balun transformer is
needed to convert the single ended RF input to differential for input to the ADC. The balun must have good
amplitude (< 0.5dB) and phase balance (less than 2deg) within the frequency range of interest. A back-to-back
balun configuration often times gives better SFDR performance. Table 8-1 lists several recommended baluns for
different impedance ratios and frequency ranges. The S-parameters of the ADC input can be used to design the
front end matching network.
www.ti.com
ADC32RF72
SBASAL2 – NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com