công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC34RF72 bảng dữ liệu(PDF) 57 Page - Texas Instruments

tên linh kiện ADC34RF72
Giải thích chi tiết về linh kiện  ADC32RF72 Dual Channel 1.5GSPS 16-bit RF Sampling ADC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC34RF72 bảng dữ liệu(HTML) 57 Page - Texas Instruments

Back Button ADC34RF72 Datasheet HTML 53Page - Texas Instruments ADC34RF72 Datasheet HTML 54Page - Texas Instruments ADC34RF72 Datasheet HTML 55Page - Texas Instruments ADC34RF72 Datasheet HTML 56Page - Texas Instruments ADC34RF72 Datasheet HTML 57Page - Texas Instruments ADC34RF72 Datasheet HTML 58Page - Texas Instruments ADC34RF72 Datasheet HTML 59Page - Texas Instruments ADC34RF72 Datasheet HTML 60Page - Texas Instruments ADC34RF72 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 74 page
background image
7.5 Programming
The device is primarily configured and controlled using the serial programming interface (SPI). However, there
are digital features and functions available that can be configured via SPI and controlled/used via GPIO pins.
7.5.1 GPIO Control
The device has 24 GPIO pins. Four are fixed function and the remaining 20 can be configured independently for
different functions using the SPI.
Table 7-35. GPIO: FIxed Functions
PIN NAME
FUNCTION
PIN #
RESET
Hardware RESET
J1
SCLK
SPI SCLK
K15
SDIO
SPI DIN/DOUT
L15
SDOUT
SPI DOUT
L3
SEN
SPI EN
J16
SYNC
SYNC for JESD 8b/10b
J4
Table 7-36. GPIO: Configurable Functions
FUNCTION
PIN No.
No. of
PINS
DESCRIPTION
NCO CONTROL
ANY
1..8
The pin selects between 2 NCO frequencies for each DDC.
There are 8 DDCs and each NCO/DDC can be mapped to a specific GPIO pins. Using one
GPIO pin for multiple/all DDCs is possible.
Functional only when using NCOs.
Low: nco_0 of each active DDC is selected.
High: nco_1 of each active DDC is selected.
OVR
1
OR-ed outputs of each ADC OVR signal.
Low: no ADC is in saturation.
High: an ADC is in saturation.
NCO SYSREF ARM
1
The GPIO pin is used to enable resetting the NCO phase to 0 with the next SYSREF rising
edge.
CALIBRATION
FREEZE
1
Low: device background calibration is active.
High: device background calibration is inactive.
GLOBAL POWER
DOWN
1
Device global power down.
Low: device is powered up.
High: device is powered down.
FAST POWER
DOWN
1
Device global power down.
Low: device is powered up.
High: device is powered down.
www.ti.com
ADC32RF72
SBASAL2 – NOVEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: ADC32RF72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com